Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

04026D105KAT2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 04026D105KAT2A
Description  X5R Dielectric
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

04026D105KAT2A Datasheet(HTML) 1 Page - AVX Corporation

  04026D105KAT2A Datasheet HTML 1Page - AVX Corporation 04026D105KAT2A Datasheet HTML 2Page - AVX Corporation 04026D105KAT2A Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
24
• General Purpose Dielectric for Ceramic Capacitors
• EIA Class II Dielectric
• Temperature variation of capacitance is within ±15%
from -55°C to +85°C
• Well suited for decoupling and filtering applications
• Available in High Capacitance values (up to 100μF)
X5R Dielectric
General Specifications
PART NUMBER (see page 2 for complete part number explanation)
GENERAL DESCRIPTION
-60
-40
-20
0
+20
+40
+60
+80
Temperature
°C
Temperature Coefficient
20
15
10
5
0
-5
-10
-15
-20
TYPICAL ELECTRICAL CHARACTERISTICS
1,000
10,000
100
0
Insulation Resistance vs Temperature
0
20
120
40
60
80
Temperature
°C
100
1210
Size
(L" x W")
4
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
D = 35V
5 = 50V
D
Dielectric
D = X5R
107
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
M
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Failure
Rate
A = N/A
T
Terminations
T = Plated Ni
and Sn
2
Packaging
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
9 = Bulk
A
Special
Code
A = Std.
NOTE: Contact factory for availability of Tolerance Options for Specific Part Numbers.
Contact factory for non-specified capacitance values.


Similar Part No. - 04026D105KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04026D105MAT2A AVX-04026D105MAT2A Datasheet
85Kb / 3P
   X5R Dielectric
More results

Similar Description - 04026D105KAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZD104KAT2A AVX-0805ZD104KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04024D225MAT2A AVX-04024D225MAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04026D100JAT2A AVX-04026D100JAT2A Datasheet
85Kb / 3P
   X5R Dielectric
06033D105MAT2A AVX-06033D105MAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04026D104KAT2A AVX-04026D104KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04023D104MAT2A AVX-04023D104MAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04023D153KAT2A AVX-04023D153KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04023D223KAT2A AVX-04023D223KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
04024D105KAT2A AVX-04024D105KAT2A Datasheet
85Kb / 3P
   X5R Dielectric
0805YD106MAT2A AVX-0805YD106MAT2A Datasheet
85Kb / 3P
   X5R Dielectric
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com