Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJA45N02 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJA45N02
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJA45N02 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJA45N02 Datasheet HTML 1Page - Pan Jit International Inc. PJA45N02 Datasheet HTML 2Page - Pan Jit International Inc. PJA45N02 Datasheet HTML 3Page - Pan Jit International Inc. PJA45N02 Datasheet HTML 4Page - Pan Jit International Inc. PJA45N02 Datasheet HTML 5Page - Pan Jit International Inc. PJA45N02 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAGE . 3
March 28,2013-REV.00
PJA45N02
0
3
6
9
12
15
012345
VDS- Drain-to-Source Voltage(V)
VGS=2V
VGS=1.5V
VGS=3V
VGS=4V
VGS=5V
Fig.1 Output Characteristics
0
20
40
60
80
100
0.0
2.0
4.0
6.0
8.0
10.0
IDS-Drain-to-Source Current(A)
VGS= 2V
VGS= -4.0V
Fig.3 On-Resistsnce vs. Drain current
0.0
1.0
2.0
3.0
4.0
5.0
00.5
11.5
22.5
VGS-Gate-to-Source Voltage(V)
TJ=125oC
Fig.2 Transfer Characteristics
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
25
50
75
100
125
150
175
Temperature (oC)
VGS=-4.5V, ID=-3.6A
Fig.4 On-Resistsnce vs. Junction temperature
VDS=10V
TJ=25oC
sistsnce vs. Drain current
IDS-Drain-to-Source Current(A)
Fig.3 On-Resistsnce vs. Drain current
Fig.5 On-Resistsnce vs. VGS vs Temperature
0
20
40
60
80
100
120
0.0
2.0
4.0
6.0
8.0
10.0
VGS-Gate-to-Source Voltage(V)
ID=3.5A
0.0
2.0
4.0
6.0
8.0
10.0
0
0.2
0.4
0.6
0.8
1
1.2
v
SD-Source-to-Drain voltage(V)
Fig.6 Body Dlode Characterlslcs
Temperature (oC)
Fig.4 On-Resistsnce vs. Junction temperature
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0
25
50
75
100
125
150
175
Temperature (oC)
ID=250μA
Fig.7 Threshold Voltage Variation with Temperature
TJ=25oC
TJ=25oC
TJ=125oC
Temperature (oC)
Fig.7 Threshold Voltage Variation with Temperature


Similar Part No. - PJA45N02

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PJA COSEL-PJA Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA1000F COSEL-PJA1000F Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA1000F-24 COSEL-PJA1000F-24 Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA1000F-48 COSEL-PJA1000F-48 Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
PJA100F COSEL-PJA100F Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
More results

Similar Description - PJA45N02

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com