Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

01C2001SFC3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 01C2001SFC3
Description  NTC Thermistors, Radial Leaded and Coated
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

01C2001SFC3 Datasheet(HTML) 4 Page - Vishay Siliconix

  01C2001SFC3 Datasheet HTML 1Page - Vishay Siliconix 01C2001SFC3 Datasheet HTML 2Page - Vishay Siliconix 01C2001SFC3 Datasheet HTML 3Page - Vishay Siliconix 01C2001SFC3 Datasheet HTML 4Page - Vishay Siliconix 01C2001SFC3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Document Number: 33003
For technical questions, contact: thermistor1@vishay.com
www.vishay.com
Revision: 12-Nov-09
107
M, C, T
NTC Thermistors, Radial Leaded and Coated
Vishay Dale
POINT MATCH TOLERANCE
The standard leaded thermistors are calibrated and tested at 25 °C to a tolerance of ± 5 % or ± 10 %; however, tighter tolerance,
point matched thermistors are readily available as are special point match temperatures to fit your application.
Since these thermistors have only one controlled point of reference (the point match temperature), the resistance at other
temperatures is given by the “Resistance vs. Temperature Conversion Tables” for the appropriate material curve. The resistance
value at any temperature is the ratio factor times the resistance at 25 °C. The resistance vs. temperature conversion tables can
be found at: www.vishay.com/doc?33004 and www.vishay.com/doc?33011.
Example: 09M1002JF, + 70 °C resistance = (Resistance factor for curve 9 at 70 °C is 0.1990) x (10 000
Ω resistance at 25 °C)
= 1990
Ω.
The tolerance of the resistance at any temperature is described by figure 2.
FIGURE 2
POINT MATCH TOLERANCES VS. TEMPERATURE
Point match resistance tolerances at temperatures other
than 25 ºC are not the same as the calibration temperature.
This difference is presented in figure 2.
The tolerance at any given temperature is the point match
tolerance + the MT ± % (manufacturing tolerance).
The MT ± % may be obtained from the R vs. T conversion
tables (see www.vishay.com/doc?33004) and is added to the
point match temperature, i.e., ± 1 % Tol. at 25 ºC + ± 2.6 %
at - 30 ºC for Curve 1 equals a total tolerance of ± 3.6 % at
- 30 ºC.
COMPUTER AIDS FOR THERMISTOR SELECTION
A spreadsheet is available for the Vishay thermistor materials that calculates beta, Steinhart-Hart equation constants A, B, and
C, the resistance at any temperature based upon the Steinhart constants or beta, the temperature equivalent of the resistance
reading, and resistance temperature coefficients.
This spread sheet will also calculate the total resistance tolerance of any point matched thermistor for temperatures in 10 ºC
increments, and the resistance tolerance at any temperature within the calibrated range of curve tracking thermistors. Please
contact factory if interested in this Excel™ spreadsheet at thermistor1@vishay.com.
25 °C
NOMINAL R vs. T
MAX. R vs. T
MIN. R vs. T
PIVOT POINT
(CALIBRATION TEMPERATURE)
TEMPERATURE


Similar Part No. - 01C2001SFC3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
01C2001SFC3 VISHAY-01C2001SFC3 Datasheet
96Kb / 4P
   NTC Thermistors,Coated
Revision 22-Sep-04
01C2001SFC3 VISHAY-01C2001SFC3 Datasheet
96Kb / 5P
   NTC Thermistors, Radial Leaded and Coateds
01-Jan-2022
More results

Similar Description - 01C2001SFC3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
07C5002JF VISHAY-07C5002JF Datasheet
91Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 24-Sep-15
TMC VISHAY-TMC_V01 Datasheet
96Kb / 5P
   NTC Thermistors, Radial Leaded and Coateds
01-Jan-2022
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
NTCLE101E3104SB0 VISHAY-NTCLE101E3104SB0 Datasheet
89Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE203E3103FB0 VISHAY-NTCLE203E3103FB0 Datasheet
107Kb / 9P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 18-May-11
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103HB0 VISHAY-NTCLE100E3103HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE203E3 VISHAY-NTCLE203E3_17 Datasheet
84Kb / 3P
   NTC Thermistors, Radial Leaded, Accuracy Line
Revision: 26-Jun-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com