Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7447745012 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447745012
Description  POWER CHOKE WE-PD2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447745012 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447745012 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447745012 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447745012 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bezeichnung :
description :
I Rollenspezifikation / tape and reel specification:
A
6,10 ± 0,1
mm
B
8,00 ± 0,1
mm
+ 0,1
- 0,0
E
2,00 ± 0,05
mm
F
2,00 ± 0,1
mm
G
1,75 ± 0,1
mm
H
5,50 ± 0,05
mm
I
5,50 ± 0,1
mm
J
2,30 ± 0,1
mm
T
0,35 ± 0,05
mm
W
12,0 ± 0,3
mm
a
330,0 ± 0,5
mm
b
21,0 ± 0,8
mm
+ 0,5
- 1,0
d
100,0 ± 1,0
mm
ME
09-05-19
ME
07-04-21
Name
Datum / date
Änderung / modification
Version 1
Version 2
c
mm
mm
1,50
D
min.
SMD-SPEICHERDROSSEL WE-PD2
POWER CHOKE WE-PD2
DATUM / DATE : 2009-05-19
Artikelnummer / part number :
7447745012
C
1,50
Spezifikation für Freigabe / specification for release
Kunde / customer :
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
Würth Elektronik eiSos GmbH & Co.KG
D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400
http://www.we-online.com
Gurtspezifikation / Tape specification:
Rollenspezifikation / Reel specification:
..................................................................................
..................................................................................
Geprüft / checked
Kontrolliert / approved
Datum / date
Unterschrift / signature
Würth Elektronik
Freigabe erteilt / general release:
Kunde / customer
..................................................................................
..................................................................................
mm
13,00
Ø c
a
d
b
The force for tearing off cover tape is
20 to 70 grams in arrow direction
150°
feeding direction
This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there
is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster
prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic
component which is used in electrical circuits that require high safety and reliability functions or performance.
I
T
J
øD
W
H
G
C
B
A
E
F
LF
SEITE 3 VON 3


Similar Part No. - 7447745012

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
7447745012 MPS-7447745012 Datasheet
779Kb / 12P
   1.25MHz, 2.2A Synchronous Step-Down Switcher
Rev. 0.92 6/20/2022
logo
Wurth Elektronik GmbH &...
7447745012 WURTH-7447745012_15 Datasheet
1Mb / 6P
   WE-PD2 SMD Power Inductor
More results

Similar Description - 7447745012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447745039 WURTH-7447745039 Datasheet
118Kb / 3P
   POWER CHOKE WE-PD2
74477450082 WURTH-74477450082 Datasheet
113Kb / 3P
   POWER CHOKE WE-PD2
74477420 WURTH-74477420 Datasheet
152Kb / 3P
   POWER CHOKE WE-PD2
74477620 WURTH-74477620 Datasheet
158Kb / 3P
   POWER-CHOKE WE-PD2
744773039 WURTH-744773039 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744773127 WURTH-744773127 Datasheet
158Kb / 3P
   POWER CHOKE WE-PD2
744775118 WURTH-744775118 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775147 WURTH-744775147 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744775210 WURTH-744775210 Datasheet
163Kb / 3P
   POWER-CHOKE WE-PD2
744776012 WURTH-744776012 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD2
744776056 WURTH-744776056 Datasheet
133Kb / 3P
   POWER-CHOKE WE-PD2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com