Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIW3122 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIW3122
Description  DC/DC CONVERTER 6W, DIP-24 Plastic Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW3122 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIW3122 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW3122 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW3122 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW3122 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MIW3100 SERIES
DC/DC CONVERTER 6W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/09/30 REV:2
Page 1 of 4
®
FEATURES
DIP-24 Plastic Package
Wide 2:1 Input Range
High Efficiency up to 86%
Operating Temp. Range –40°C to +85°C
Short Circuit Protection
I/O-isolation 1500VDC
Cost optimized Design
3 Years Product Warranty
PRODUCT OVERVIEW
The MINMAX MIW3100 series is a range of isolated 6W DC/DC converter modules featuring fully regulated output voltages and wide 2:1 input voltage
ranges. The product comes in a DIP-24 plastic package with industry standard pinout. An excellent efficiency allows an operating temperature range
of –40°C to +85°C.These DC/DC converters offer an economical solution for many cost critical applications in battery-powered equipment and
instrumentation.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
uF
%
MIW3121
3.3
1200
60
429
77
MIW3122
5
1000
50
514
81
MIW3123
12
500
25
595
6800
84
MIW3126
±12
±250
±12.5
595
84
MIW3127
12
(9 ~ 18)
±15
±200
±10
595
20
25
1000#
84
MIW3131
3.3
1200
60
209
79
MIW3132
5
1000
50
251
83
MIW3133
12
500
25
291
6800
86
MIW3136
±12
±250
±12.5
291
86
MIW3137
24
(18 ~ 36)
±15
±200
±10
291
5
15
1000#
86
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
12V Input Models
-0.7
---
25
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
50
12V Input Models
4.5
6
8
Start-Up Voltage
24V Input Models
8
12
16
12V Input Models
---
---
8
Under Voltage Shutdown
24V Input Models
---
---
16
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
1000
3000
mW
Internal Power Dissipation
---
---
2500
mW
Conducted EMI (with suffix A only)
All Models
Compliance to EN 55022,class A and FCC part 15,class A


Similar Part No. - MIW3122

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW3122 MINMAX-MIW3122 Datasheet
213Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW3122 TOTAL-POWER-MIW3122 Datasheet
402Kb / 4P
   DIP-24 Plastic Package
More results

Similar Description - MIW3122

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
MIW3000 MINMAX-MIW3000_12 Datasheet
285Kb / 4P
   DC/DC CONVERTER 5-6W, DIP-24 Metal Package
MIW4100 MINMAX-MIW4100_11 Datasheet
282Kb / 4P
   DC/DC CONVERTER 5-6W, DIP-24 Metal Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100_12 Datasheet
288Kb / 5P
   DC/DC CONVERTER 3W, DIP-24 Plastic Package
logo
Delta Electronics, Inc.
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com