Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIHW1000 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIHW1000
Description  DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIHW1000 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIHW1000_11 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIHW1000_11 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIHW1000_11 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIHW1000_11 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MIHW1000 SERIES
DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/09/22 REV:3
Page 1 of 4
®
FEATURES
Reinforced Insulation rated for 300VAC Working Voltage
I/O-isolation Voltage 4000VACrms
Industrial & Medical Safety Approval
Wide 2:1 Input Voltage Range
Fully regulated Output Voltage
Low Leakage Current
Operating Temp. Range –40°C to +85 °C
Input Filter meets EN 55022, class A
Overload Protection
3 Year Product Warranty
PRODUCT OVERVIEW
The MINMAX MIHW1000 series is a range of high performance DC/DC converter modules with a reinforced insulation system .The I/O- isolation voltage is
specified for 4000VACrms.The product comes in a small DIP-24 package. All 20 models features wide 2:1 input voltage range and fully regulated output
voltage.
The MIHW1000 DC/DC converters offer an economical solution for demanding applications in industrial and medical instrumentation requesting a certified
supplementary or reinforced insulation system to comply with relative industrial or medical safety standards.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA (typ.)
uF
%
MIHW1002
5
600
90
857
1000
70
MIHW1003
12
250
37.5
800
470
75
MIHW1008
24
125
18.8
800
470
76
MIHW1006
±12
±125
±18.8
800
220#
75
MIHW1007
5
(4.5 ~ 9)
±15
±100
±15
800
40
60
220#
75
MIHW1012
5
600
90
338
1000
74
MIHW1013
12
250
37.5
313
470
80
MIHW1018
24
125
18.8
313
470
81
MIHW1016
±12
±125
±18.8
313
220#
80
MIHW1017
12
(9 ~ 18)
±15
±100
±15
313
30
30
220#
80
MIHW1022
5
600
90
160
1000
78
MIHW1023
12
250
37.5
151
470
83
MIHW1028
24
125
18.8
151
470
84
MIHW1026
±12
±125
±18.8
151
220#
83
MIHW1027
24
(18 ~ 36)
±15
±100
±15
151
20
15
220#
83
MIHW1032
5
600
90
80
1000
78
MIHW1033
12
250
37.5
75
470
83
MIHW1038
24
125
18.8
75
470
84
MIHW1036
±12
±125
±18.8
75
220#
83
MIHW1037
48
(36 ~ 75)
±15
±100
±15
75
10
10
220#
83
# For each output


Similar Part No. - MIHW1000_11

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIHW1000 TOTAL-POWER-MIHW1000 Datasheet
405Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
More results

Similar Description - MIHW1000_11

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIHW2000 MINMAX-MIHW2000_11 Datasheet
289Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MIDR03M MINMAX-MIDR03M Datasheet
311Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
MSHU100 MINMAX-MSHU100 Datasheet
266Kb / 4P
   DC/DC CONVERTER 2W, Reinforced Insulation, Medical Safety
MKW10M MINMAX-MKW10M Datasheet
329Kb / 4P
   DC/DC CONVERTER 10W, Reinforced Insulation, Medical Safety
MIHW3000 MINMAX-MIHW3000_11 Datasheet
654Kb / 4P
   DC/DC CONVERTER 6W, Reinforced Insulation, Medical Safety
MDHU100 MINMAX-MDHU100_12 Datasheet
265Kb / 4P
   DC/DC CONVERTER 2W, Reinforced Inslation, Medical Safety
logo
HALO Electronics, Inc.
TGRDC-F10V5LF HALO-TGRDC-F10V5LF Datasheet
415Kb / 1P
   Reinforced Insulation Isolation Modules for DC/DC Converter Circuits
logo
Mean Well Enterprises C...
MDS03 MEANWELL-MDS03 Datasheet
95Kb / 5P
   3W DIP Package DC-DC Medical Grade Regulated Converter
logo
Minmax Technology Co., ...
MIZI03 MINMAX-MIZI03 Datasheet
460Kb / 5P
   DC-DC CONVERTER 3W
logo
LinkCom Manufacturing C...
3W-DPHE LINKCOM-3W-DPHE Datasheet
454Kb / 3P
   3W DC - DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com