Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSGWI06-24D05 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MSGWI06-24D05
Description  DC/DC CONVERTER 6W, Ultra compact SMD Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSGWI06-24D05 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MSGWI06-24D05 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSGWI06-24D05 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSGWI06-24D05 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSGWI06-24D05 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSGWI06 SERIES
DC/DC CONVERTER 6W, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/07/16 REV:9
Page 3 of 4
®
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
Ripple & Noise measurement bandwidth is 0-20MHz.
4
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules;
however, they may not meet all specifications listed.
5
All DC/DC converters should be externally fused at the front end for protection.
6
Other input and output voltage may be available, please contact factory.
7
It is not recommended to use water-washing process on SMT units.
8
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Connecting Pin Patterns
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05(±0.002)
Pin Connections
Physical Characteristics
Pin
Single Output
Dual Output
Case Size
:
22.0x20.3x10.2 mm (0.87x0.8x0.4 inches)
1
Remote On/Off
Remote On/Off
2
-Vin
-Vin
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
6
NC
Common
8
NC
-Vout
Pin Material
:
Phosphor bronze
9
+Vout
+Vout
11
-Vout
Common
Weight
:
7.8g
16
+Vin
+Vin
NC: No Connection
2.54 [0.1]
1.5 [0.06]
12.7 [0.5]
5.08
[0.2]
0.1 S
22.0 [0.87]
2.11
[0.08]
1
6
8
11
9
16
2
S SEATING
PLANE
17.78 [0.70]
5.08 [0.20]
3.0 [0.12]
27.0 [1.06]
2.54 [0.10]
1.9 [0.07]


Similar Part No. - MSGWI06-24D05

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSGWI06-24D05 TOTAL-POWER-MSGWI06-24D05 Datasheet
459Kb / 4P
   Ultra compact SMD Package 22.0 x 20.3 x 10.2 mm (0.87 x 0.80 x 0.40 inches)
More results

Similar Description - MSGWI06-24D05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06 Datasheet
284Kb / 4P
   DC/DC CONVERTER 6W, Ultra compact DIP Package
MSGWI06 MINMAX-MSGWI06_15 Datasheet
397Kb / 5P
   DC/DC CONVERTER 6W, SMD Package
MSDWI03 MINMAX-MSDWI03 Datasheet
335Kb / 4P
   DC/DC CONVERTER 3W, Ultra compact SMD Package
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIW06 MINMAX-MIW06_15 Datasheet
652Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SPBW06 MEANWELL-SPBW06 Datasheet
119Kb / 5P
   6W SIP Package DC-DC Regulated Converter
logo
Superworld Electronics
SW6R48S03UWSMF SUPERWORLD-SW6R48S03UWSMF Datasheet
147Kb / 2P
   6W Ultra-Wide Input Single & Dual SMD DC-DC Converter
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com