Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSDW1022 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSDW1022
Description  DC/DC CONVERTER 2W, Small Footprit: 24.0 x 18.1 mm (0.94 x 0.71 inches)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSDW1022 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSDW1022 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSDW1022 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSDW1022 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSDW1022 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSDW1000 SERIES
DC/DC CONVERTER 2W, SMD-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2011/08/11 REV:5
Page 2 of 4
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
-0.7
---
11
12V Input Models
-0.7
---
25
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
5V Input Models
3.5
4
4.5
12V Input Models
4.5
7
9
24V Input Models
8
12
18
Start-Up Voltage
48V Input Models
16
24
36
5V Input Models
---
3.5
4
12V Input Models
---
6.5
8.5
24V Input Models
---
11
17
Under Voltage Shutdown
48V Input Models
---
22
34
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
---
1500
mW
Internal Power Dissipation
---
---
1800
mW
Conducted EMI
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
---
±1.0
±2.0
%
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.3
±0.5
%
Load Regulation
Io=25% to 100%
---
±0.5
±0.75
%
Ripple & Noise (20MHz)
---
30
50
mV P-P
Ripple & Noise (20MHz)
Over Line, Load & Temp.
---
---
75
mV P-P
Ripple & Noise (20MHz)
---
---
15
mV rms
Transient Recovery Time
---
100
300
uS
Transient Response Deviation
25% Load Step Change
---
±3
±5
%
Temperature Coefficient
---
±0.01
±0.02
%/
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
250
420
pF
Switching Frequency
---
300
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
1,000,000
---
---
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D
Level 2
Input Fuse
5V Input Models
12V Input Models
24V Input Models
48V Input Models
1000mA Slow-Blow Type
500mA Slow-Blow Type
250mA Slow-Blow Type
120mA Slow-Blow Type
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Temperature Range (with Derating)
Ambient
-40
+85
Case Temperature
---
+90
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260


Similar Part No. - MSDW1022

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSDW1022 MINMAX-MSDW1022 Datasheet
223Kb / 8P
   2W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MSDW1022 TOTAL-POWER-MSDW1022 Datasheet
422Kb / 4P
   Qualified for lead-free reflow solder process according IPC/JEDEC J-STD-020D
More results

Similar Description - MSDW1022

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
SAD02-9559 CHINFA-SAD02-9559 Datasheet
265Kb / 2P
   DC - DC CONVERTER 2W
SAD02-9559 CHINFA-SAD02-9559_08 Datasheet
107Kb / 2P
   DC - DC CONVERTER 2W
logo
Minmax Technology Co., ...
MDW1000 MINMAX-MDW1000_11 Datasheet
294Kb / 4P
   DC/DC CONVERTER 2W, Small DIP-16 Plastic Package
logo
MORNSUN Science& Techno...
LDE02-23B03 MORNSUN-LDE02-23B03 Datasheet
1Mb / 5P
   2W, ULTRA SMALL SIZE AC/DC converter
logo
Bothhand USA, LP.
B3LF BOTHHAND-B3LF Datasheet
755Kb / 2P
   2W Isolated DC/DC Converter
B3-LF-SERIES BOTHHAND-B3-LF-SERIES Datasheet
755Kb / 2P
   2W Isolated DC/DC Converter
logo
Power Systems GmbH+Co.K...
CARS-0505 POWER-SYSTEMS-CARS-0505 Datasheet
249Kb / 5P
   DC-DC Converter UNIT 2W REGULATED DC-DC CONVERTER
logo
Bothhand USA, LP.
B9-LF-SERIES BOTHHAND-B9-LF-SERIES Datasheet
128Kb / 1P
   2W Isolated DC/DC Converter
logo
Power Systems GmbH+Co.K...
CBRS-0505-3K POWER-SYSTEMS-CBRS-0505-3K Datasheet
245Kb / 5P
   DC-DC Converter UNIT 2W-3W REGULATED DC-DC CONVERTER
logo
MORNSUN Science& Techno...
LD01-10B24 MORNSUN-LD01-10B24 Datasheet
299Kb / 3P
   1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com