Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSDWI03-48S12 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MSDWI03-48S12
Description  DC/DC CONVERTER 3W, Ultra compact SMD Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSDWI03-48S12 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MSDWI03-48S12 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSDWI03-48S12 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSDWI03-48S12 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSDWI03-48S12 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSDWI03 SERIES
DC/DC CONVERTER 3W, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2012/07/16 REV:17
Page 2 of 4
®
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
At 50% Load and Nominal Vin
---
---
±2.0
%Vom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max.
---
±0.5
±1.0
%
Load Regulation
Io=15% to 100%
---
±0.5
±1.2
%
Ripple & Noise (20MHz)
---
50
100
mV P-P
Transient Recovery Time
---
300
600
μsec
Transient Response Deviation
25% Load Step Change
---
±3
---
%
Temperature Coefficient
---
±0.01
±0.02
%/
Over Load Protection
Foldback
110
150
---
%
Short Circuit Protection
Continuous
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage (rated)
60 Seconds
1500
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
350
500
pF
Switching Frequency
---
350
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25
℃, Ground Benign
300,000
---
---
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D
Level 2
Safety Approvals
UL/cUL 60950-1 recognition(CSA certificate), IEC/EN 60950-1(CB-scheme)
Input Fuse
24V Input Models
48V Input Models
1500mA Slow-Blow Type
800mA Slow-Blow Type
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
2.5V ~ 5.5V or Open Circuit
Converter Off
-0.7V ~ 0.8V
Control Input Current (on)
Vctrl = Min. to Max.
---
---
-400
μA
Control Input Current (off)
Vctrl = Min. to Max.
---
---
-400
μA
Control Common
Referenced to Negative Input
Standby Input Current
---
---
5
mA
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range (See Power Derating Curve)
Natural Convection
-40
+80
Case Temperature
---
+105
Storage Temperature Range
-50
+125
Humidity (non condensing)
---
95
% rel. H
Cooling
Free-Air convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
Power Derating Curve
(3.3& 5V Output)
(all other output)


Similar Part No. - MSDWI03-48S12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MSDWI03-48S12 TOTAL-POWER-MSDWI03-48S12 Datasheet
464Kb / 4P
   Input Filter meets EN 55022,class A and FCC, level A
More results

Similar Description - MSDWI03-48S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDWI03 MINMAX-MDWI03 Datasheet
330Kb / 4P
   DC/DC CONVERTER 3W, DIP-Package Ultra compact DIP-Package
MSCWI03 MINMAX-MSCWI03 Datasheet
921Kb / 5P
   DC/DC CONVERTER 3W, SMD Package
MSDWI03 MINMAX-MSDWI03_15 Datasheet
580Kb / 5P
   DC/DC CONVERTER 3W, SMD Package
MSIW1000 MINMAX-MSIW1000_15 Datasheet
412Kb / 5P
   DC/DC CONVERTER 3W, SMD-Package
MSGWI06 MINMAX-MSGWI06 Datasheet
336Kb / 4P
   DC/DC CONVERTER 6W, Ultra compact SMD Package
MIW1100 MINMAX-MIW1100_15 Datasheet
511Kb / 5P
   DC/DC CONVERTER 3W, DIP-Package
MCW03 MINMAX-MCW03_16 Datasheet
601Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
logo
Delta Electronics, Inc.
DE03S DELTA-DE03S Datasheet
211Kb / 4P
   3W DC/DC CONVERTER, DIP-Package
logo
Minmax Technology Co., ...
MCWI03 MINMAX-MCWI03_16 Datasheet
582Kb / 4P
   DC/DC CONVERTER 3W, SIP-Package
MDWI03 MINMAX-MDWI03_15 Datasheet
558Kb / 4P
   DC/DC CONVERTER 3W, DIP Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com