Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF2C03HD Datasheet(PDF) 11 Page - Motorola, Inc

Part # MMDF2C03HD
Description  COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2C03HD Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MMDF2C03HD Datasheet HTML 4Page - Motorola, Inc MMDF2C03HD Datasheet HTML 5Page - Motorola, Inc MMDF2C03HD Datasheet HTML 6Page - Motorola, Inc MMDF2C03HD Datasheet HTML 7Page - Motorola, Inc MMDF2C03HD Datasheet HTML 8Page - Motorola, Inc MMDF2C03HD Datasheet HTML 9Page - Motorola, Inc MMDF2C03HD Datasheet HTML 10Page - Motorola, Inc MMDF2C03HD Datasheet HTML 11Page - Motorola, Inc MMDF2C03HD Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MMDF2C03HD
11
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control
settings that will give the desired heat pattern. The operator
must set temperatures for several heating zones and a figure
for belt speed. Taken together, these control settings make up
a heating “profile” for that particular circuit board. On
machines controlled by a computer, the computer remembers
these profiles from one operating session to the next. Figure
16 shows a typical heating profile for use when soldering a
surface mount device to a printed circuit board. This profile will
vary among soldering systems, but it is a good starting point.
Factors that can affect the profile include the type of soldering
system in use, density and types of components on the board,
type of solder used, and the type of board or substrate material
being used. This profile shows temperature versus time. The
line on the graph shows the actual temperature that might be
experienced on the surface of a test board at or near a central
solder joint. The two profiles are based on a high density and
a low density board. The Vitronics SMD310 convection/in-
frared reflow soldering system was used to generate this
profile. The type of solder used was 62/36/2 Tin Lead Silver
with a melting point between 177 –189
°C. When this type of
furnace is used for solder reflow work, the circuit boards and
solder joints tend to heat first. The components on the board
are then heated by conduction. The circuit board, because it
has a large surface area, absorbs the thermal energy more
efficiently, then distributes this energy to the components.
Because of this effect, the main body of a component may be
up to 30 degrees cooler than the adjacent solder joints.
STEP 1
PREHEAT
ZONE 1
“RAMP”
STEP 2
VENT
“SOAK”
STEP 3
HEATING
ZONES 2 & 5
“RAMP”
STEP 4
HEATING
ZONES 3 & 6
“SOAK”
STEP 5
HEATING
ZONES 4 & 7
“SPIKE”
STEP 6
VENT
STEP 7
COOLING
200
°C
150
°C
100
°C
50
°C
TIME (3 TO 7 MINUTES TOTAL)
TMAX
SOLDER IS LIQUID FOR
40 TO 80 SECONDS
(DEPENDING ON
MASS OF ASSEMBLY)
205
° TO 219°C
PEAK AT
SOLDER JOINT
DESIRED CURVE FOR LOW
MASS ASSEMBLIES
100
°C
150
°C
160
°C
170
°C
140
°C
DESIRED CURVE FOR HIGH
MASS ASSEMBLIES
Figure 16. Typical Solder Heating Profile


Similar Part No. - MMDF2C03HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF2C03HD ONSEMI-MMDF2C03HD Datasheet
116Kb / 10P
   Power MOSFET 2 Amps, 30 Volts Complementary SO-8, Dual
February, 2006 ??Rev. 7
MMDF2C03HDR2 ONSEMI-MMDF2C03HDR2 Datasheet
116Kb / 10P
   Power MOSFET 2 Amps, 30 Volts Complementary SO-8, Dual
February, 2006 ??Rev. 7
MMDF2C03HDR2G ONSEMI-MMDF2C03HDR2G Datasheet
116Kb / 10P
   Power MOSFET 2 Amps, 30 Volts Complementary SO-8, Dual
February, 2006 ??Rev. 7
logo
VBsemi Electronics Co.,...
MMDF2C03HDR2G VBSEMI-MMDF2C03HDR2G Datasheet
2Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MMDF2C03HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2C01HD MOTOROLA-MMDF2C01HD Datasheet
372Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2C02HD MOTOROLA-MMDF2C02HD Datasheet
356Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF3C03HD MOTOROLA-MMDF3C03HD Datasheet
272Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
MMDF4C03HD MOTOROLA-MMDF4C03HD Datasheet
275Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 30 VOLTS
MMDF2P01HD MOTOROLA-MMDF2P01HD Datasheet
284Kb / 10P
   DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
   DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
   TMOS POWER FET 2.0 AMPERES 250 VOLTS
MTB2N40E MOTOROLA-MTB2N40E Datasheet
271Kb / 10P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS
MTB2P50E MOTOROLA-MTB2P50E Datasheet
273Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS
MTB2N60E MOTOROLA-MTB2N60E Datasheet
271Kb / 10P
   TMOS POWER FET 2.0 AMPERES 600 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com