Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC365 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC365
Description  Hex TRI-STATE Buffer, Inverting Hex TRI-STATE Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC365 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM74HC365 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC365 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC365 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC365 Datasheet HTML 4Page - National Semiconductor (TI) MM74HC365 Datasheet HTML 5Page - National Semiconductor (TI) MM74HC365 Datasheet HTML 6Page - National Semiconductor (TI) MM74HC365 Datasheet HTML 7Page - National Semiconductor (TI) MM74HC365 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05 to a70V
DC Input Voltage (VIN)
b
15 to VCCa15V
DC Output Voltage (VOUT)
b
05 to VCCa05V
Clamp Diode Current (IIK IOK)
g
20 mA
DC Output Current per pin (IOUT)
g
35 mA
DC VCC or GND Current per pin (ICC)
g
70 mA
Storage Temperature Range (TSTG)
b
65 Cto a150 C
Power Dissipation (PD)
(Note 3)
600 mW
SO Package only
500 mW
Lead Temp (TL) (Soldering 10 seconds)
260 C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
V
DC Input or Output Voltage
VCC
V
VIN VOUT
Operating Temp Range (TA)
MMHC
b
a
C
MMHC
b
a
C
Input Rise or Fall Times
VCCe
V
tr tf
ns
VCCe
V
ns
VCCe
V
ns
DC Electrical Characteristics (Note 4)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C Units
Typ
Guaranteed Limits
VIH
Minimum High Level Input
V
V
Voltage
V
V
V
V
VIL
Maximum Low Level Input
V
V
Voltage
V
V
V
V
VOH
Minimum High Level Output
VINeVIH or VIL
Voltage
lIOUTls mA
V
V
V
V
V
V
VINeVIH or VIL
lIOUTls
mA
V
V
lIOUTls
mA
V
V
VOL
Maximum Low Level Output
VINeVIH or VIL
Voltage
lIOUTls mA
V
V
V
V
V
V
VINeVIH or VIL
lIOUTls
mA
V
V
lIOUTls
mA
V
V
IIN
Maximum Input Current
VINeVCC or GND
V
g
g
g
m
A
IOZ
Maximum TRISTATE Output
VOUTeVCC or GND
V
g
g
g
m
A
Leakage Current
GeVIH
ICC
Maximum Quiescent Supply
VINeVCC or GND
V
m
A
Current
IOUTe mA
Note 1
Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
Power Dissipation temperature derating
plastic ‘‘N’’ package b12 mW C from 65 Cto85 C ceramic ‘‘J’’ package b12 mW C from 100 Cto125 C
Note 4
For a power supply of 5V g10% the worst case output voltages (VOH and VOL) occur for HC at 45V Thus the 45V values should be used when designing
with this supply Worst case VIH and VIL occur at VCCe55V and 45V respectively (The VIH value at 55V is 385V) The worst case leakage current (IIN ICC and
IOZ) occur for CMOS at the higher voltage and so the 60V values should be used
VIL limits are currently tested at 20% of VCC The above VIL specification (30% of VCC) will be implemented no later than Q1 CY’89
2


Similar Part No. - MM74HC365

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
   8-Input NAND Gate
MM74HC30J NSC-MM74HC30J Datasheet
100Kb / 4P
   8-Input NAND Gate
MM74HC30N NSC-MM74HC30N Datasheet
100Kb / 4P
   8-Input NAND Gate
logo
Fairchild Semiconductor
MM74HC32 FAIRCHILD-MM74HC32 Datasheet
78Kb / 6P
   Quad 2-Input OR Gate
MM74HC32 FAIRCHILD-MM74HC32 Datasheet
85Kb / 7P
   Quad 2-Input OR Gate
More results

Similar Description - MM74HC365

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS366A NSC-DM54LS366A Datasheet
139Kb / 6P
   Hex TRI-STATE Inverting Buffer
CD4503BM NSC-CD4503BM Datasheet
128Kb / 6P
   Hex Non-Inverting TRI-STATE Buffer
54LS368A NSC-54LS368A Datasheet
137Kb / 6P
   Hex TRI-STATE Inverting Buffers
DM54368 NSC-DM54368 Datasheet
69Kb / 3P
   HEX TRI-STATE INVERTING BUFFERS
54F365 NSC-54F365 Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
logo
Texas Instruments
54LS368A TI1-54LS368A_11 Datasheet
387Kb / 8P
[Old version datasheet]   Hex TRI-STATE(RM) Inverting Buffers
logo
NXP Semiconductors
HEF40098B NXP-HEF40098B Datasheet
79Kb / 12P
   3-state hex inverting buffer
Rev. 05-31 October 2008
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
   Hex inverting buffer; 3-state
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
   Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A_14 Datasheet
131Kb / 7P
   Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com