Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC368 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC368
Description  Hex TRI-STATE Buffer, Inverting Hex TRI-STATE Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC368 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  MM74HC368 Datasheet HTML 1Page - National Semiconductor (TI) MM74HC368 Datasheet HTML 2Page - National Semiconductor (TI) MM74HC368 Datasheet HTML 3Page - National Semiconductor (TI) MM74HC368 Datasheet HTML 4Page - National Semiconductor (TI) MM74HC368 Datasheet HTML 5Page - National Semiconductor (TI) MM74HC368 Datasheet HTML 6Page - National Semiconductor (TI) MM74HC368 Datasheet HTML 7Page - National Semiconductor (TI) MM74HC368 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AC Electrical Characteristics (Continued) MM54HC368MM74HC368
VCCe5V TAe25 C tretfe6ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPHL tPLH
Maximum Propagation
CLe45 pF
11
18
ns
Delay
tPZL tPZH
Maximum Output Enable
RLe1kX
23
37
ns
Time
CLe45 pF
tPHZ tPLZ
Maximum Output Disable
RLe1kX
19
33
ns
Time
CLe5pF
AC Electrical Characteristics MM54HC368MM74HC368
VCCe20–60V CLe50 pF tretfe6 ns (unless otherwise specified)
TAe25 C
74HC
54HC
Symbol
Parameter
Conditions
VCC
TAeb40 to 85 CTAeb55 to 125 C
Units
Typ
Guaranteed Limits
tPHL tPLH
Maximum Propagation
CLe50 pF
20V
33
82
102
125
ns
Delay
CLe150 pF
20V
43
107
134
160
ns
CLe50 pF
45V
12
19
24
30
ns
CLe150 pF
45V
16
26
32
39
ns
CLe50 pF
60V
10
16
20
24
ns
CLe150 pF
60V
14
22
27
33
ns
tPZH tPZL
Maximum Output Enable
RLe1kX
ns
Time
CLe50 pF
20V
69
172
216
250
ns
CLe150 pF
20V
75
187
233
280
ns
CLe50 pF
45V
24
38
47
57
ns
CLe150 pF
45V
29
46
57
69
ns
CLe50 pF
60V
22
35
43
52
ns
CLe150 pF
60V
26
42
52
63
ns
tPHZ tPLZ
Maximum Output Disable
RLe1kX
20V
47
117
146
220
ns
Time
CLe50 pF
45V
22
35
44
52
ns
60V
19
31
39
46
ns
tTHL tTLH
Maximum Output Rise
CLe50 pF
20V
25
60
75
90
ns
and Fall Time
45V
7
12
15
18
ns
60V
6
10
13
15
ns
CPD
Power Dissipation
Any Enabled
45
pF
Capacitance (Note 5)
A Input
Any Disabled
6
pF
A Input
CIN
Maximum Input
5
10
10
10
pF
Capacitance
COUT
Maximum Input
10
20
20
20
pF
Capacitance
Note 5
CPD determines the no load dynamic power consumption PDeCPD VCC2 faICC VCC and the no load dynamic current consumption ISeCPD VCC faICC
Truth Table
’HC368
Inputs
Output
G
AY
HX
Z
LH
L
LL
H
6


Similar Part No. - MM74HC368

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
   8-Input NAND Gate
MM74HC30J NSC-MM74HC30J Datasheet
100Kb / 4P
   8-Input NAND Gate
MM74HC30N NSC-MM74HC30N Datasheet
100Kb / 4P
   8-Input NAND Gate
logo
Fairchild Semiconductor
MM74HC32 FAIRCHILD-MM74HC32 Datasheet
78Kb / 6P
   Quad 2-Input OR Gate
MM74HC32 FAIRCHILD-MM74HC32 Datasheet
85Kb / 7P
   Quad 2-Input OR Gate
More results

Similar Description - MM74HC368

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM54LS366A NSC-DM54LS366A Datasheet
139Kb / 6P
   Hex TRI-STATE Inverting Buffer
CD4503BM NSC-CD4503BM Datasheet
128Kb / 6P
   Hex Non-Inverting TRI-STATE Buffer
54LS368A NSC-54LS368A Datasheet
137Kb / 6P
   Hex TRI-STATE Inverting Buffers
DM54368 NSC-DM54368 Datasheet
69Kb / 3P
   HEX TRI-STATE INVERTING BUFFERS
54F365 NSC-54F365 Datasheet
146Kb / 8P
   Hex Buffer/Driver with TRI-STATE Outputs
logo
Texas Instruments
54LS368A TI1-54LS368A_11 Datasheet
387Kb / 8P
[Old version datasheet]   Hex TRI-STATE(RM) Inverting Buffers
logo
NXP Semiconductors
HEF40098B NXP-HEF40098B Datasheet
79Kb / 12P
   3-state hex inverting buffer
Rev. 05-31 October 2008
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
   Hex inverting buffer; 3-state
Rev. 8-21 November 2011
logo
Nexperia B.V. All right...
HEF40098B NEXPERIA-HEF40098B Datasheet
735Kb / 12P
   Hex inverting buffer; 3-state
Rev. 9 - 18 March 2016
logo
ON Semiconductor
MC74HCT366A ONSEMI-MC74HCT366A_14 Datasheet
131Kb / 7P
   Hex 3-State Inverting Buffer
March, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com