Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX25L6405MC-20G Datasheet(PDF) 8 Page - Macronix International

Part # MX25L6405MC-20G
Description  64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L6405MC-20G Datasheet(HTML) 8 Page - Macronix International

Back Button MX25L6405MC-20G Datasheet HTML 4Page - Macronix International MX25L6405MC-20G Datasheet HTML 5Page - Macronix International MX25L6405MC-20G Datasheet HTML 6Page - Macronix International MX25L6405MC-20G Datasheet HTML 7Page - Macronix International MX25L6405MC-20G Datasheet HTML 8Page - Macronix International MX25L6405MC-20G Datasheet HTML 9Page - Macronix International MX25L6405MC-20G Datasheet HTML 10Page - Macronix International MX25L6405MC-20G Datasheet HTML 11Page - Macronix International MX25L6405MC-20G Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
P/N: PM1107
REV.1.3, NOV. 06, 2006
MX25L6405
Table 3. Memory Organization
Sector
Address Range
127
7F0000h
7FFFFFh
126
7E0000h
7EFFFFh
125
7D0000h
7DFFFFh
124
7C0000h
7CFFFFh
123
7B0000h
7BFFFFh
122
7A0000h
7AFFFFh
121
790000h
79FFFFh
120
780000h
78FFFFh
119
770000h
77FFFFh
118
760000h
76FFFFh
117
750000h
75FFFFh
116
740000h
74FFFFh
115
730000h
73FFFFh
114
720000h
72FFFFh
113
710000h
71FFFFh
112
700000h
70FFFFh
111
6F0000h
6FFFFFh
110
6E0000h
6EFFFFh
109
6D0000h
6DFFFFh
108
6C0000h
6CFFFFh
107
6B0000h
6BFFFFh
106
6A0000h
6AFFFFh
105
690000h
69FFFFh
104
680000h
68FFFFh
103
670000h
67FFFFh
102
660000h
66FFFFh
101
650000h
65FFFFh
100
640000h
64FFFFh
99
630000h
63FFFFh
98
620000h
62FFFFh
97
610000h
61FFFFh
96
600000h
60FFFFh
95
5F0000h
5FFFFFh
94
5E0000h
5EFFFFh
93
5D0000h
5DFFFFh
92
5C0000h
5CFFFFh
91
5B0000h
5BFFFFh
90
5A0000h
5AFFFFh
89
590000h
59FFFFh
88
580000h
58FFFFh
Sector
Address Range
87
570000h
57FFFFh
86
560000h
56FFFFh
85
550000h
55FFFFh
84
540000h
54FFFFh
83
530000h
53FFFFh
82
520000h
52FFFFh
81
510000h
51FFFFh
80
500000h
50FFFFh
79
4F0000h
4FFFFFh
78
4E0000h
4EFFFFh
77
4D0000h
4DFFFFh
76
4C0000h
4CFFFFh
75
4B0000h
4BFFFFh
74
4A0000h
4AFFFFh
73
490000h
49FFFFh
72
480000h
48FFFFh
71
470000h
47FFFFh
70
460000h
46FFFFh
69
450000h
45FFFFh
68
440000h
44FFFFh
67
430000h
43FFFFh
66
420000h
42FFFFh
65
410000h
41FFFFh
64
400000h
40FFFFh
63
3F0000h
3FFFFFh
62
3E0000h
3EFFFFh
61
3D0000h
3DFFFFh
60
3C0000h
3CFFFFh
59
3B0000h
3BFFFFh
58
3A0000h
3AFFFFh
57
390000h
39FFFFh
56
380000h
38FFFFh
55
370000h
37FFFFh
54
360000h
36FFFFh
53
350000h
35FFFFh
52
340000h
34FFFFh
51
330000h
33FFFFh
50
320000h
32FFFFh
49
310000h
31FFFFh
48
300000h
30FFFFh


Similar Part No. - MX25L6405MC-20G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6405D MCNIX-MX25L6405D Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6405DMI-12G MCNIX-MX25L6405DMI-12G Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6405DZNI-12G MCNIX-MX25L6405DZNI-12G Datasheet
999Kb / 56P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results

Similar Description - MX25L6405MC-20G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205A MCNIX-MX25L3205A Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L1605ZM MCNIX-MX25L1605ZM Datasheet
406Kb / 44P
   16M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205 MCNIX-MX25L3205 Datasheet
481Kb / 45P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6402A MCNIX-MX25L6402A Datasheet
457Kb / 30P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6402 MCNIX-MX25L6402 Datasheet
312Kb / 24P
   64M-BIT [x 1] CMOS SERIAL eLite FlashTM MEMORY
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6408E MCNIX-MX25L6408E Datasheet
925Kb / 49P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L6439E MCNIX-MX25L6439E Datasheet
1Mb / 90P
   64M-BIT [x 1 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6433F MCNIX-MX25L6433F Datasheet
1Mb / 83P
   64M-BIT [x 1 / x 2 / x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX25L6473E MCNIX-MX25L6473E Datasheet
1Mb / 86P
   64M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com