Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-D1M96S-020F20T Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-D1M96S-020F20T
Description  ACT-D1M96S High Speed 96 MegaBit 3.3V Synchronous DRAM Multichip Module
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-D1M96S-020F20T Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-D1M96S-020F20T Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-D1M96S-020F20T Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-D1M96S-020F20T Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-D1M96S-020F20T Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-D1M96S-020F20T Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-D1M96S-020F20T Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-D1M96S-020F20T Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-D1M96S-020F20T Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-D1M96S-020F20T Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Aeroflex Circuit Technology
SCD3369-1 REV C 5/31/00 Plainview NY (516) 694-6700
5
A11
BA11
A10
BA10
A9
BA9
A8
BA8
A7
BA7
A6
BA6
A5
BA5
A4
BA4
A3
BA3
A2
BA2
A1
BA1
A0
BA0
Reserved
0
0
0 = Serial
Register
Bit A9/
BA9
Write Burst
Length
Register Bits
CAS Latency
Register Bits
Burst Length
A6
BA6
A5
BA5
A4
BA4
A2
BA2
A1
BA1
A0
BA0
0
A2 - A0
BA2 - BA0
0
1
0
2
0
0
1
1
0
1
4
8
NOTES:
† All other combinations are reserved.
Figure 1 – Mode Register Programming
1200
3.3 V
Figure 2 – LVTTL-Load Circuit
10 pF
870
Output
Parameter
Typical
Units
Input Pulse Level
0.4 – 2.4
V
Input Rise and Fall
5
ns
Input and Output Timing Reference
1.5
V
AC Test Conditions


Similar Part No. - ACT-D1M96S-020F20T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-D1M32B-080F14C AEROFLEX-ACT-D1M32B-080F14C Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-D1M32B-080F14I AEROFLEX-ACT-D1M32B-080F14I Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-D1M32B-080F14M AEROFLEX-ACT-D1M32B-080F14M Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-D1M32B-080F14Q AEROFLEX-ACT-D1M32B-080F14Q Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-D1M32B-080F14T AEROFLEX-ACT-D1M32B-080F14T Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
More results

Similar Description - ACT-D1M96S-020F20T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32 AEROFLEX-ACT-S128K32 Datasheet
414Kb / 10P
   High Speed 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com