Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-SF128K32 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-SF128K32
Description  ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-SF128K32 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-SF128K32 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-SF128K32 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Aeroflex Circuit Technology
SCD3850 REV A 5/20/98
Plainview NY (516) 694-6700
5
Flash AC Characteristics – Read Only Operations
(Vcc = 5.0V, Vss = 0V, TC = -55°C to +125°C)
Parameter
Symbol
JEDEC Stand’d
–60
Min Max
–70
Min Max
–90
Min Max
Units
Read Cycle Time
tAVAV
tRC
60
70
90
ns
Address Access Time
tAVQV
tACC
60
70
90
ns
Chip Enable Access Time
tELQV
tCE
60
70
90
ns
Output Enable to Output Valid
tGLQV
tOE
30
35
40
ns
Chip Enable to Output High Z (1)
tEHQZ
tDF
20
20
25
ns
Output Enable High to Output High Z(1)
tGHQZ
tDF
20
20
25
ns
Output Hold from Address, CE or OE Change, Whichever is First
tAXQX
tOH
0
0
0
ns
Note 1. Guaranteed by design, but not tested
Flash AC Characteristics – Write/Erase/Program Operations, FWE Controlled
(Vcc = 5.0V, Vss = 0V, TC = -55°C to +125°C)
Parameter
Symbol
JEDEC Stand’d
–60
Min Max
–70
Min Max
–90
Min Max
Units
Write Cycle Time
tAVAC
tWC
60
70
90
ns
Chip Enable Setup Time
tELWL
tCE
0
0
0
ns
Write Enable Pulse Width
tWLWH
tWP
30
35
45
ns
Address Setup Time
tAVWL
tAS
0
0
0
ns
Data Setup Time
tDVWH
tDS
30
30
45
ns
Data Hold Time
tWHDX
tDH
0
0
0
ns
Address Hold Time
tWLAX
tAH
45
45
45
ns
Chip Enable Hold Time
tWHEH
tCH
0
0
0
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
ns
Duration of Byte Programming Operation
tWHWH1
14
TYP
14
TYP
14
TYP
µs
Sector Erase Time
tWHWH2
60
60
60
Sec
Chip Erase Time
tWHWH3
120
120
120
Sec
Read Recovery Time before Write
tGHWL
0
0
0
µs
Vcc Setup Time
tVCE
50
50
50
µs
Output Enable Setup Time
tOES
12.5
12.5
12.5
Sec
Output Enable Hold Time1
tOEH
10
10
10
ns
Note: 1. For Toggle and Data Polling.
Flash AC Characteristics – Write/Erase/Program Operations, FCE Controlled
(Vcc = 5.0V, Vss = 0V, TC = -55°C to +125°C)
Parameter
Symbol
JEDEC
Stand’d
–60
Min Max
–70
Min Max
–90
Min Max
Units
Write Cycle Time
tAVAC
tWC
60
70
90
ns
Write Enable Setup Time
tWLEL
tWS
0
0
0
ns
Chip Enable Pulse Width
tELEH
tCP
35
35
50
ns
Address Setup Time
tAVEL
tAS
0
0
0
ns
Data Setup Time
tDVEH
tDS
30
30
50
ns
Data Hold Time
tEHDX
tDH
0
0
0
ns
Address Hold Time
tELAX
tAH
45
45
50
ns
Write Enable Hold from Write Enable High
tEHWH
tWH
0
0
0
ns
Chip Enable Pulse Width High
tEHEL
tCPH
20
20
20
ns
Duration of Byte Programming
tWHWH1
14
TYP
14
TYP
14
TYP
µs
Sector Erase Time
tWHWH2
60
60
60
Sec
Chip Erase Time
tWHWH3
120
120
120
Sec
Read Recovery Time
tGHEL
0
0
0
ns
Chip Programming Time
12.5
12.5
12.5
Sec


Similar Part No. - ACT-SF128K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-SF128K16N-26F18C AEROFLEX-ACT-SF128K16N-26F18C Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18I AEROFLEX-ACT-SF128K16N-26F18I Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18M AEROFLEX-ACT-SF128K16N-26F18M Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18Q AEROFLEX-ACT-SF128K16N-26F18Q Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18T AEROFLEX-ACT-SF128K16N-26F18T Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
More results

Similar Description - ACT-SF128K32

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
logo
List of Unclassifed Man...
WS128K32V ETC1-WS128K32V Datasheet
98Kb / 8P
   128Kx32 3.3V SRAM MULTICHIP PACKAGE
logo
White Electronic Design...
WS128K32-XG2TXE WEDC-WS128K32-XG2TXE Datasheet
325Kb / 6P
   128Kx32 SRAM MULTICHIP PACKAGE, RADIATION TOLLERANT
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
logo
Samsung semiconductor
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
ACTSF2816 AEROFLEX-ACTSF2816 Datasheet
182Kb / 11P
   ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com