Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT15530 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ACT15530
Description  CMOS Manchester Encoder / Decoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT15530 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button ACT15530 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT15530 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Aeroflex Circuit Technology
SCD15530 REV B 7/28/99 Plainview NY (516) 694-6700
6
Encoder Operation
The Encoder requires a single clock with a
frequency of twice the desired data rate applied
at the SEND CLOCK input. An auxiliary
divide by six counter is provided on chip which
can be utilised to produce the SEND CLOCK
by dividing the DECODER CLOCK.
The
Encoder's
cycle
begins
when
ENCODER ENABLE is high during a failing
edge of ENCODER SHIFT CLOCK
x. This
cycle lasts for one word length or twenty
ENCODER SHIFT CLOCK periods. At the
next low-to-high transition of the ENCODER
SHIFT CLOCK, a high at SYNC SELECT
input actuates a command sync or a low will
produce a data sync for that word
y. When the
Encoder is ready to accept data, the SEND
DATA output will go high and remain high for
sixteen ENCODER SHIFT CLOCK periods
z.
During these sixteen periods the data should be
clocked into the SERIAL DATA input with
every low-high transition of the ENCODER
SHIFT CLOCK
z - {. After the sync and the
Manchester II coded data are chip transmitted
through the BIPOLAR ONE and BIPOLAR
ZERO outputs, the Encoder adds on an
additional bit which is the parity for that word
|. At any time a low in OUTPUT INHIBIT
input will force both bipolar outputs to a high
state but will not affect the Encoder in any other
way. To abort the Encoder transmission a
positive pulse must be applied at MASTER
RESET. Anytime after or during this pulse, a
low to high transition on SEND CLOCK clears
the internal counters and initializes the Encoder
for a new word.
Figure 9: Encoder Operation
Timing
Send Clock
Encoder
Enable
Send Data
Sync Select
Serial Data In
Half Half
0
1
2
3
4
5
6
7
15 16 17 18
15 14 13 12
10
2
1
0
3
1
2
4
5
3
11
Sync Sync
15 14 13 12 11
2
1
0
P
3
19
Bipolar
Zero Out
Bipolar
One Out
Encoder
Shift Clock
Don’t Care
Don’t Care
Valid
1st
2nd
15 14 13 12 11
2
1
0
P
3


Similar Part No. - ACT15530

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT1525AT ACT-ACT1525AT Datasheet
31Kb / 1P
   HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
ACT1525AV ACT-ACT1525AV Datasheet
30Kb / 1P
   HCMOS Voltage Controlled Digitally Compensated Crystal
30-07-04
ACT1525CT ACT-ACT1525CT Datasheet
31Kb / 1P
   HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
ACT1525CV ACT-ACT1525CV Datasheet
30Kb / 1P
   HCMOS Voltage Controlled Digitally Compensated Crystal
30-07-04
ACT1525ST ACT-ACT1525ST Datasheet
40Kb / 1P
   Digitally Temperature Compensated Sinewave Crystal Oscillators
30/7/04
More results

Similar Description - ACT15530

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com