Electronic Components Datasheet Search |
|
02015K4R7QAWTR Datasheet(PDF) 5 Page - AVX Corporation |
|
02015K4R7QAWTR Datasheet(HTML) 5 Page - AVX Corporation |
5 / 19 page 10 1 Accu-P ® Signal and Power Type Capacitors TEMP. COEFFICIENT CODE “K” = 0±60ppm/°C (-55°C to +125°C) (2) TEMP. COEFFICIENT CODE “J” = 0±30ppm/°C (-55°C to +125°C) (2) (1) For capacitance values higher than listed in table, please consult factory. (2) TC shown is per EIA/IEC Specifications. (3) For 50 volt range, please consult factory. (1) For capacitance values higher than listed in table, please consult factory. (2) TC shown is per EIA/IEC Specifications. These values are produced with “K” temperature coefficient code only. Accu-P ® Capacitance Ranges (pF) Intermediate values are available within the indicated range. Size Size Code 0201 0402 0603 0805 1210 Voltage 100 50 25 16 10 100 50 25 16 10 100 50 25 100 50 25 100 50 Cap in Cap pF (1) code 0.1 — 0R1 0.2 — 0R2 0.3 — 0R3 0.4 — 0R4 0.5 — 0R5 0.6 — 0R6 0.7 — 0R7 0.8 — 0R8 0.9 — 0R9 1.0 — 1R0 1.1 — 1R1 1.2 — 1R2 1.3 — 1R3 1.4 — 1R4 1.5 — 1R5 1.6 — 1R6 1.7 — 1R7 1.8 — 1R8 1.9 — 1R9 2.0 — 2R0 2.1 — 2R1 2.2 — 2R2 2.3 — 2R3 2.4 — 2R4 2.5 — 2R5 2.6 — 2R6 2.7 — 2R7 2.8 — 2R8 2.9 — 2R9 3.0 — 3R0 3.1 — 3R1 3.2 — 3R2 3.3 — 3R3 3.4 — 3R4 3.5 — 3R5 3.6 — 3R6 3.7 — 3R7 3.8 — 3R8 3.9 — 3R9 4.0 — 4R0 4.1 — 4R1 4.2 — 4R2 4.3 — 4R3 4.4 — 4R4 4.5 — 4R5 4.6 — 4R6 4.7 — 4R7 5.1 — 5R1 5.6 — 5R6 6.2 — 6R2 6.8 — 6R8 7.5 — 7R5 8.2 — 8R2 9.1 — 9R1 10.0 — 100 11.0 — 110 12.0 — 120 13.0 — 130 14.0 — 140 15.0 — 150 16.0 — 160 17.0 — 170 18.0 — 180 19.0 — 190 20.0 — 200 21.0 — 210 22.0 — 220 24.0 — 240 27.0 — 270 30.0 — 300 33.0 — 330 39.0 — 390 47.0 — 470 56.0 — 560 68.0 — 680 Size Size Code 805 1210 Voltage 100 50 25 100 50(3) Cap in Cap pF (1) code 0.1 — 0R1 0.2 — 0R2 0.3 — 0R3 0.4 — 0R4 0.5 — 0R5 0.6 — 0R6 0.7 — 0R7 0.8 — 0R8 0.9 — 0R9 1.0 — 1R0 1.1 — 1R1 1.2 — 1R2 1.3 — 1R3 1.4 — 1R4 1.5 — 1R5 1.6 — 1R6 1.7 — 1R7 1.8 — 1R8 1.9 — 1R9 2.0 — 2R0 2.1 — 2R1 2.2 — 2R2 2.3 — 2R3 2.4 — 2R4 2.5 — 2R5 2.6 — 2R6 2.7 — 2R7 2.8 — 2R8 2.9 — 2R9 3.0 — 3R0 3.1 — 3R1 3.2 — 3R2 3.3 — 3R3 3.4 — 3R4 3.5 — 3R5 3.6 — 3R6 3.7 — 3R7 3.8 — 3R8 3.9 — 3R9 4.0 — 4R0 4.1 — 4R1 4.2 — 4R2 4.3 — 4R3 4.4 — 4R4 4.5 — 4R5 4.6 — 4R6 4.7 — 4R7 5.1 — 5R1 5.6 — 5R6 6.2 — 6R2 6.8 — 6R8 7.5 — 7R5 8.2 — 8R2 9.1 — 9R1 10.0 — 100 11.0 — 110 12.0 — 120 13.0 — 130 14.0 — 140 15.0 — 150 16.0 — 160 17.0 — 170 18.0 — 180 19.0 — 190 20.0 — 200 21.0 — 210 22.0 — 220 24.0 — 240 27.0 — 270 30.0 — 300 33.0 — 330 39.0 — 390 47.0 — 470 56.0 — 560 68.0 — 680 |
Similar Part No. - 02015K4R7QAWTR |
|
Similar Description - 02015K4R7QAWTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |