Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDF2N05ZR2 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MMDF2N05ZR2
Description  DUAL TMOS POWER MOSFET 2.0 AMPERES 50 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2N05ZR2 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MMDF2N05ZR2 Datasheet HTML 2Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 3Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 4Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 5Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 6Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 7Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 8Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 9Page - Motorola, Inc MMDF2N05ZR2 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MMDF2N05ZR2
7
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 13. Thermal Response
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
t, TIME (s)
1
0.1
0.01
D = 0.5
SINGLE PULSE
1.0E–05
1.0E–04
1.0E–03
1.0E–02
1.0E–01
1.0E+00
1.0E+01
0.2
0.1
0.05
0.02
0.01
1.0E+02
1.0E+03
0.001
0.0106
0.0431
0.1643
0.3507
0.4302
177.14 F
2.9468 F
0.5064 F
0.1406 F
0.0253 F
Chip
Ambient
Dual SO–8 Thermal RC Network


Similar Part No. - MMDF2N05ZR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF2N05ZR2 ONSEMI-MMDF2N05ZR2 Datasheet
235Kb / 10P
   Power MOSFET
August, 2006 ??Rev. 3
More results

Similar Description - MMDF2N05ZR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2P01HD MOTOROLA-MMDF2P01HD Datasheet
284Kb / 10P
   DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
   DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF2C01HD MOTOROLA-MMDF2C01HD Datasheet
372Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 12 VOLTS
MMDF2C03HD MOTOROLA-MMDF2C03HD Datasheet
381Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 30 VOLTS
MMDF2C02HD MOTOROLA-MMDF2C02HD Datasheet
356Kb / 12P
   COMPLEMENTARY DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
   TMOS POWER FET 2.0 AMPERES 250 VOLTS
MTB2N40E MOTOROLA-MTB2N40E Datasheet
271Kb / 10P
   TMOS POWER FET 2.0 AMPERES 400 VOLTS
MTB2P50E MOTOROLA-MTB2P50E Datasheet
273Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS
MTB2N60E MOTOROLA-MTB2N60E Datasheet
271Kb / 10P
   TMOS POWER FET 2.0 AMPERES 600 VOLTS
MTDF1N03HD MOTOROLA-MTDF1N03HD Datasheet
225Kb / 12P
   DUAL TMOS POWER MOSFET 2.0 AMPERES 30 VOLTS RDS(on) = 0.120 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com