Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06090756 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # 06090756
Description  Assemblies and combinations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

06090756 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  06090756 Datasheet HTML 1Page - Cherry Semiconductor Corporation 06090756 Datasheet HTML 2Page - Cherry Semiconductor Corporation 06090756 Datasheet HTML 3Page - Cherry Semiconductor Corporation 06090756 Datasheet HTML 4Page - Cherry Semiconductor Corporation 06090756 Datasheet HTML 5Page - Cherry Semiconductor Corporation 06090756 Datasheet HTML 6Page - Cherry Semiconductor Corporation 06090756 Datasheet HTML 7Page - Cherry Semiconductor Corporation 06090756 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3
Assemblies and
combinations
Individual switches in
combination with endcaps
can easily be built into block
assemblies by
integrated snap pins.
Spacers and housings
can be integrated in any
given sequence.
Special circuit
boards
If you require a specially
constructed PCB (special
material, terminals, layout
etc.), please consult the
factory.
Circuitry
Standard circuitry is
break-before-make (bbm).
For make-before-break
(mbb), please consult
the factory.
Codes
For standard codes please
refer to individual switch
series. Further and special
codes available upon
request.
Description
Colors and
legends
The standard switch color is
black. The wheels are black
with white characters.
Special colors for housings,
wheels and legends are
available upon request.
We are able to print letters,
symbols or figures
according to individual
requirements.
Mounting of
components
Many standard codes are
available with an extended
PCB for mounting of diodes
or resistors.
Stops
Cherry provides many
standard combinations of
rotation-limiting stops to
help tailor our switches
exactly to your application.
In series PE stops can
be installed in the field.
0
1
2
3
4
5
6
7
8
9
Common ”C“
connected to
Output 1
Output 2
Output 4
Output 8
Truth tables
Common C connected to
1
2
4
8
Readout-
symbols
Table 1: BCD
0
1•
2•
3•
4•
5•
6•
7•
8•
9•
Common C connected to
0 1 2 3 4 5 6 7 8 9
Readout-
symbols
Table 2: Decimal
0•
1•
2•
3•
4•
5•
6•
7•
8•
9•
Common C connec. to
1
2
Readout-
symbols
Table 4: Single pole repeating
+0
0
–1
5
+0
0
–1
5
+0
0
–1
5
+0
0
–1
5
+0
0
–1
5
Common C connec. to
1 2 3 4
1
2
4
8
Readout-
symbols
Table 8: BCD + complement
0• • • •
1•
• • •
2•
• •
3• •
• •
4•
• •
5•
6• •
7• • •
8• • • •
9•
• •
Common C connec. to
1
2
4
8
Readout-
symbols
Table 11: BCD complement
0•
1•
2•
3•
4•
5•
6•
7•
8•
9•
Common C connected to
1
2
4
8
Readout-
symbols
Table 5: Hexadecimal
0
1•
2•
3•
4•
5•
6•
7
•••
8•
9•
10 (A)
11(B)
12(C)
13(D)
14(E)
15(F)
••••
Switching
position


Similar Part No. - 06090756

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
06090754 CHERRY-06090754 Datasheet
6Mb / 8P
   Assemblies and combinations
More results

Similar Description - 06090756

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
06090760 CHERRY-06090760 Datasheet
6Mb / 8P
   Assemblies and combinations
06091348 CHERRY-06091348 Datasheet
6Mb / 8P
   Assemblies and combinations
06090801 CHERRY-06090801 Datasheet
6Mb / 8P
   Assemblies and combinations
06090803 CHERRY-06090803 Datasheet
6Mb / 8P
   Assemblies and combinations
06090799 CHERRY-06090799 Datasheet
6Mb / 8P
   Assemblies and combinations
0609-1346 CHERRY-0609-1346 Datasheet
6Mb / 8P
   Assemblies and combinations
0609-1347 CHERRY-0609-1347 Datasheet
6Mb / 8P
   Assemblies and combinations
06091346 CHERRY-06091346 Datasheet
6Mb / 8P
   Assemblies and combinations
0609-0754 CHERRY-0609-0754 Datasheet
6Mb / 8P
   Assemblies and combinations
06091347 CHERRY-06091347 Datasheet
6Mb / 8P
   Assemblies and combinations
PEHA3000 CHERRY-PEHA3000 Datasheet
6Mb / 8P
   Assemblies and combinations
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com