Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT4419DF Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT4419DF
Description  Dual Variable Amplitude Transceivers for MIL-STD-1553
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT4419DF Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT4419DF Datasheet HTML 1Page - Aeroflex Circuit Technology ACT4419DF Datasheet HTML 2Page - Aeroflex Circuit Technology ACT4419DF Datasheet HTML 3Page - Aeroflex Circuit Technology ACT4419DF Datasheet HTML 4Page - Aeroflex Circuit Technology ACT4419DF Datasheet HTML 5Page - Aeroflex Circuit Technology ACT4419DF Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Aeroflex Circuit Technology
SCD4419D REV F 2/10/00 Plainview NY (516) 694-6700
4
Notes: 1. VCC = 5 Volts ±0.1 V, TC = -55°C to +125°C, unless otherwise specified.
2. Power ON/OFF, measured from 75KHz to 1MHz at Point A-A’. See Figure 5.
3. All typical values are measured at +25°C.
4. At point A-A’ on Figure 5, 2.5 µS after midpoint crossing of the parity bit of the last word of a 660 µS message.
5. Output Voltage Delta (VO
∆) = VO(IDEAL) - VO(MEASURED), where VO(IDEAL) = Slope x VCONT and
Slope =
∆VO ÷ ∆VCONT, See Figure 3.
Electrical Characteristics – Receiver Section 1/ 3/
Parameter
Condition
Symbol
Min
Typ
Max
Unit
Differential Voltage Range
Pt. A - A’
VIDR
-
20
V peak
Common Mode Rejection Ratio
-
CMRR
45
-
-
dB
Strobe Characteristics (Logic "0" inhibits output) (NOTE: If not used, a 1K pullup to 5V is recommended)
"0" Input Current
VS = 0.4 V
IIL
-
-0.2
-0.4
mA
"1" Input Current
VS = 2.7V
IIH
-
1
+40
µA
"0" Input Voltage
-
VIL
-
-
0.7
V
"1" Input Voltage
-
VIH
2.0
-
-
V
Strobe Delay (turn-on)
-
tSD(ON)
-
90
150
nS
Strobe Delay (turn-off)
-
tSD(OFF)
-
90
150
nS
Threshold Characteristics (Sinewave input )
Input Threshold Voltage(referred to the bus)
100KHz-
1MHz
VTH
0.60
0.8
1.15
Vp-p
Output Characteristics, RX DATA and RX DATA
"1" State
IOH = -0.4 mA
VOH
2.5
3.5
-
V
"0" State
IOL = 4 mA
VOL
-
0.3
0.5
V
Delay, (average)from differential input zero
crossings to RX DATA and RX DATA output
50% points
-
tDRX
-
320
400
nS
Power Data 1/ 3/
Maximum Current per Channel (other channel in standby)
Duty Cycle
Typ
Max
Transmitter Standby
50 mA
65 mA
25% duty cycle
155 mA
185 mA
50% duty cycle
290 mA
335 mA
100% duty cycle
560 mA
650 mA
Power Supply Voltage Range
+V
4.75 to 5.5 Volts


Similar Part No. - ACT4419DF

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4419 AEROFLEX-ACT4419 Datasheet
90Kb / 6P
   Single Supply Variable Amplitude Transceivers for MIL-STD-1553
ACT4419FP AEROFLEX-ACT4419FP Datasheet
90Kb / 6P
   Single Supply Variable Amplitude Transceivers for MIL-STD-1553
More results

Similar Description - ACT4419DF

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4419 AEROFLEX-ACT4419 Datasheet
90Kb / 6P
   Single Supply Variable Amplitude Transceivers for MIL-STD-1553
ACT4418 AEROFLEX-ACT4418 Datasheet
75Kb / 7P
   ACT4418 Molded Dual Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
   ACT4468D Dual Transceivers for MIL-STD-1553
ARX4418 AEROFLEX-ARX4418 Datasheet
85Kb / 6P
   ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
logo
Holt Integrated Circuit...
HI-1573 HOLTIC-HI-1573_13 Datasheet
85Kb / 11P
   MIL-STD-1553 3.3V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 3.3V Monolithic Dual Transceivers
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com