Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02013J4R7BBWTR Datasheet(PDF) 4 Page - AVX Corporation

Part # 02013J4R7BBWTR
Description  High purity of electrodes for very low and repeatable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02013J4R7BBWTR Datasheet(HTML) 4 Page - AVX Corporation

  02013J4R7BBWTR Datasheet HTML 1Page - AVX Corporation 02013J4R7BBWTR Datasheet HTML 2Page - AVX Corporation 02013J4R7BBWTR Datasheet HTML 3Page - AVX Corporation 02013J4R7BBWTR Datasheet HTML 4Page - AVX Corporation 02013J4R7BBWTR Datasheet HTML 5Page - AVX Corporation 02013J4R7BBWTR Datasheet HTML 6Page - AVX Corporation 02013J4R7BBWTR Datasheet HTML 7Page - AVX Corporation 02013J4R7BBWTR Datasheet HTML 8Page - AVX Corporation 02013J4R7BBWTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
9
1
Size
Size Code
0603
0805
Voltage
100
50
25
100
50
25
Cap in
Cap
pF(1)
code
0.1
0R1
0.2
0R2
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.8
0R8
0.9
0R9
1.0
1R0
1.2
1R2
1.5
1R5
1.8
1R8
2.2
2R2
2.7
2R7
3.3
3R3
3.9
3R9
4.7
4R7
5.6
5R6
6.8
6R8
8.2
8R2
10
100
12
120
15
150
18
180
22
220
27
270
33
330
39
390
47
470
56
560
68
680
82
820
100
101
120
121
150
151
Size
Size Code
0603
0805
Voltage
100
50
25
100
50
25
Cap in
Cap
pF
(
(1)
code
0.1
0R1
0.2
0R2
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.8
0R8
0.9
0R9
1.0
1R0
1.2
1R2
1.5
1R5
1.8
1R8
2.2
2R2
2.7
2R7
3.3
3R3
3.9
3R9
4.7
4R7
5.6
5R6
6.8
6R8
8.2
8R2
10
100
12
120
15
150
18
180
22
220
27
270
33
330
39
390
47
470
56
560
68
680
82
820
100
101
120
121
150
151
TEMP. COEFFICIENT CODE
“J” = 0±30ppm/°C
(-55°C to +125°C)(2)
Accu-F
® *
Signal Type Capacitors
TEMP. COEFFICIENT CODE
“K” = 0±60ppm/°C
(-55°C to +125°)(2)
(1) For capacitance values higher than listed in table,
please consult factory.
(2) TC shown is per EIA/IEC Specifications.
(1) For capacitance values higher than listed in table,
please consult factory.
(2) TC shown is per EIA/IEC Specifications.
Accu-F
® Capacitance Ranges (pF)
Intermediate values are available within the indicated range.
*
Not recommended for new designs.
Accu-P’s are recommended.


Similar Part No. - 02013J4R7BBWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02013J4R7BBWTR AVX-02013J4R7BBWTR Datasheet
1Mb / 19P
   Thin-Film Technology
02013J4R7BBWTR AVX-02013J4R7BBWTR Datasheet
458Kb / 20P
   Thin-Film Technology
02013J4R7BBWTR500 AVX-02013J4R7BBWTR500 Datasheet
1Mb / 25P
   Thin-Film Technology
More results

Similar Description - 02013J4R7BBWTR

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HSR57 MERCURY-HSR57 Datasheet
323Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR43 MERCURY-HSR43 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR53 MERCURY-HSR53 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HS14 MERCURY-HS14 Datasheet
120Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR8 MERCURY-HSR8 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR14 MERCURY-HSR14 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
logo
Sangdest Microelectroni...
209CNQ SMC-209CNQ Datasheet
140Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
303DMQ600 SMC-303DMQ600 Datasheet
174Kb / 3P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
40CPQ015 SMC-40CPQ015 Datasheet
129Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBRB10200CT SMC-MBRB10200CT Datasheet
262Kb / 7P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com