Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPDD10-48D Datasheet(PDF) 1 Page - Qualtek Electronics Corporation

Part # QPDD10-48D
Description  Approved to IEC/EN60950, UL60950 Safety Standards
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALTEK [Qualtek Electronics Corporation]
Direct Link  http://www.qualtekusa.com
Logo QUALTEK - Qualtek Electronics Corporation

QPDD10-48D Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

  QPDD10-48D Datasheet HTML 1Page - Qualtek Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Approved to IEC/EN60950, UL60950 Safety Standards
Wide Input Voltage: 36VDC - 75VDC
Remote Control
No Minimum Load Requirement
QPDD10-48D05
QPDD10-48D12
QPDD10-48D15
10Watts DC-DC Dual Output
QPDD10-48D Series
Qualtek
Electronics Corporation
P
P C
Page 1 of 1
Output Characteristics
Input Characteristics
Protection
Environmental Characteristics
General Characteristics
Model
DC Output
Rated Current
Current Range
Efficiency (Typical)
Ripple and Noise (max)
Voltage Accuracy
Line Regulation (max)
Load Regulation (max)
Temperature Coefficient
Voltage Range
Normal Voltage
Over Current
Operating Amb. Temp.
Operating Case Temp.
Storage Temp.
Safety Standards
Isolation Voltage (one minute)
MTBF
Dimension (LxWxH)
Features:
±5V
1A
0~1A
81%
50mVpp
±1.0%
0.2%
0.5%
±0.02%/°C
±12V
0.42A
0~0.42A
83%
±15V
0.33A
0~0.33A
84%
36VDC~75VDC
48VDC
Continuous, auto recovery (±5V)
-40°C~55°C
-40°C~100°C
-55°C~125°C
IEC/EN60950, UL60950
Input-Output: 1500VDC. Input-Case: 1500VDC. Output-Case: 1500VDC
More than 2,000,000Hrs
50.8x25.4x10.16mm (2”x1”x0.4”)
Dual Outputs: ±5VDC, ±12VDC, ±15VDC
Remote Control
Control
Voltage
Control
Current
Postive Logic
Negative Logic
Positive Logic
Negative Logic
HIGH=ON (3.5VDC to 10VDC); LOW=OFF (-0.7VDC to 0.8VDC)
LOW=ON (-0.7VDC to 0.8VDC); HIGH=OFF (3.5VDC to 10VDC)
2mA max.
4mA max.
0.5 [0.020]
1
2
3
4
5
6
50.8 [2.000]
20.32 [0.800]
6- 1.0 -0.10
+0.05
1.2 [0.047]
36 [1.417]
Pin No.
1
2
3
4
5
6
Output
+Vin
-Vin
CNT
+Vout
COM
-Vout
Pin Length: 3.8mm
Pin Assignment
TOLERANCES: X.Xmm = ±0.5mm
X.XXmm = ±0.25mm
Unit: mm[inch]


Similar Part No. - QPDD10-48D

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDD10-48S QUALTEK-QPDD10-48S Datasheet
857Kb / 1P
   10Watts DC-DC Single Output
QPDD10-48S05 QUALTEK-QPDD10-48S05 Datasheet
857Kb / 1P
   10Watts DC-DC Single Output
QPDD10-48S12 QUALTEK-QPDD10-48S12 Datasheet
857Kb / 1P
   10Watts DC-DC Single Output
QPDD10-48S15 QUALTEK-QPDD10-48S15 Datasheet
857Kb / 1P
   10Watts DC-DC Single Output
QPDD10-48S3V3 QUALTEK-QPDD10-48S3V3 Datasheet
857Kb / 1P
   10Watts DC-DC Single Output
More results

Similar Description - QPDD10-48D

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
logo
Bel Fuse Inc.
ABC350-1T12L BEL-ABC350-1T12L Datasheet
941Kb / 6P
   Approved to EN60950-1 2nd Edition
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
   Approved to many international standards
logo
List of Unclassifed Man...
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
logo
STMicroelectronics
STEVAL-ISA019V1 STMICROELECTRONICS-STEVAL-ISA019V1 Datasheet
84Kb / 4P
   Safety compliant according EN60950
November 2007 Rev 1
logo
Recom International Pow...
RPA120H-RW RECOM-RPA120H-RW Datasheet
1Mb / 7P
   UL, IEC/EN60950-1 & EN50155 Pending
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
   Safety compliant in accordance with EN60950
November 2007 Rev 1
logo
Total Power Internation...
TPDU45 TOTAL-POWER-TPDU45 Datasheet
366Kb / 4P
   MEET THE SAFETY STANDARDS
TPES24 TOTAL-POWER-TPES24 Datasheet
461Kb / 2P
   MEET UNIVERSAL SAFETY STANDARDS
logo
DDK Ltd.
CE05 DDK-CE05 Datasheet
441Kb / 10P
   Waterproof Circular Connectors Conforming to European Safety Standards
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com