Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-7B13-64B1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PCE-7B13-64B1E
Description  14-slot Rackmount Chassis Backplanes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCE-7B13-64B1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PCE-7B13-64B1E Datasheet HTML 1Page - Advantech Co., Ltd. PCE-7B13-64B1E Datasheet HTML 2Page - Advantech Co., Ltd. PCE-7B13-64B1E Datasheet HTML 3Page - Advantech Co., Ltd. PCE-7B13-64B1E Datasheet HTML 4Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.advantech.com/products
Online Download
PICMG1.3 Full-Size SHB Backplanes
PCE-7B13D-04A1E
ƒ 13-slot BP for 14-slot chassis
ƒ Segments: 2
ƒ
Each segment:
One CPU card slot
PCIe slot: One or Two x8
PCI-X slot: N/A
PCI slot: Four 32/33
Compatible with IPC chassis: ACP-4010
PCE-7B19-88A1E
ƒ 19-slot BP for 20-slot chassis
ƒ Segments: 1
ƒ One CPU card slot
ƒ PCIe slot: Two x8
ƒ PCI-X slot: Eight 64/66
ƒ PCI slot: Eight 32/33
ƒ Compatible with IPC chassis: IPC-623, ACP-5360 and ACP-7360
PCE-7B10-04A1E
ƒ 10-slot BP for 14-slot chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: Five x4
ƒ PCI-X slot: N/A
ƒ PCI slot: Four 32/33
ƒ Compatible with IPC chassis: IPC-610, IPC-611, IPC-630, ACP-4000, ACP-4320
and ACP-4360, ACP-4010
PCE-7B13-64B1E
ƒ 13-slot BP for 14-slot chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: Two x8
ƒ PCI-X slot: Two 64/100; Four 64/66
ƒ PCI slot: Four 32/33
ƒ Compatible with IPC chassis: IPC-610, IPC-611, IPC-630, ACP-4000, ACP-4320
and ACP-4360, ACP-4010
PCE-7B16Q-02A1E
ƒ 16-slot BP for 20-slot chassis
ƒ Segments: 4
ƒ
Each segment:
One CPU card slot
PCIe slot: One x8
PCI-X slot: N/A
PCI slot: Two 32/33
Compatible with IPC chassis: IPC-623, ACP-5360, ACP-7360
14-slot Rackmount Chassis Backplanes
20-slot Rackmount Chassis Backplanes
PCE-7B13-07A1E
ƒ 13-slot BP for 14-slot chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: Two x8, Three x4
ƒ PCI-X slot: N/A
ƒ PCI slot: Seven 32/33
ƒ Compatible with IPC chassis: IPC-610, IPC-611, IPC-630, ACP-4000,
ACP-4320, ACP-4360, ACP-4010
PCE-7B08-04A1E
ƒ 8-slot BP for 8-slot chassis
ƒ Segment: 1
ƒ One CPU card slot
ƒ PCIe slot: Two x8; One x4
ƒ PCI-X slot: N/A
ƒ PCI slot: Four 32/33
ƒ Compatible with IPC chassis: IPC-6608 and IPC-6908
8-slot Wallmount Chassis Backplanes


Similar Part No. - PCE-7B13-64B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-7B13-64B1E ADVANTECH-PCE-7B13-64B1E Datasheet
4Mb / 4P
   Compatible with PCE-7000 Series System Host Board
More results

Similar Description - PCE-7B13-64B1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-7B10-04A1E ADVANTECH-PCE-7B10-04A1E Datasheet
4Mb / 4P
   14-slot Rackmount Chassis Backplanes
PCE-7B13-07A1E ADVANTECH-PCE-7B13-07A1E Datasheet
4Mb / 4P
   14-slot Rackmount Chassis Backplanes
PCE-5B13-08A1E ADVANTECH-PCE-5B13-08A1E Datasheet
149Kb / 1P
   14-slot Rackmount Chassis Backplanes
PCE-7B16Q-02A1E ADVANTECH-PCE-7B16Q-02A1E Datasheet
4Mb / 4P
   20-slot Rackmount Chassis Backplanes
PCE-7B19-88A1E ADVANTECH-PCE-7B19-88A1E Datasheet
4Mb / 4P
   20-slot Rackmount Chassis Backplanes
logo
Axiomtek Co., Ltd.
AX6156LE AXIOMTEK-AX6156LE_16 Datasheet
1,006Kb / 2P
   4U 14-slot Rackmount Chassis
AX6156LE AXIOMTEK-AX6156LE_17 Datasheet
1,005Kb / 2P
   4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_17 Datasheet
294Kb / 2P
   4U 14-slot Rackmount Chassis
AX6145 AXIOMTEK-AX6145_16 Datasheet
415Kb / 2P
   4U 14-slot Rackmount Chassis
AX61400 AXIOMTEK-AX61400_16 Datasheet
295Kb / 2P
   4U 14-slot Rackmount Chassis
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com