Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHA6358-99F00 Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHA6358-99F00
Description  GaAs Monolithic Microwave IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA6358-99F00 Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHA6358-99F00 Datasheet HTML 4Page - United Monolithic Semiconductors CHA6358-99F00 Datasheet HTML 5Page - United Monolithic Semiconductors CHA6358-99F00 Datasheet HTML 6Page - United Monolithic Semiconductors CHA6358-99F00 Datasheet HTML 7Page - United Monolithic Semiconductors CHA6358-99F00 Datasheet HTML 8Page - United Monolithic Semiconductors CHA6358-99F00 Datasheet HTML 9Page - United Monolithic Semiconductors CHA6358-99F00 Datasheet HTML 10Page - United Monolithic Semiconductors CHA6358-99F00 Datasheet HTML 11Page - United Monolithic Semiconductors CHA6358-99F00 Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
27-31.5GHz High Power Amplifier
CHA6358-99F
Ref. : DSCHA63583058 - 27 Feb 13
11/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
DC Schematic
6V, 750mA
D3
D3
G1
5
G2
G3
G1
D1
D2
15
15
110mA
40mA
225mA
225mA
RF in
RF out
D1
D2
G3
G2
5
3.5
3.5
5
5
6.5
6.5
6.5
6.5
110mA
40mA


Similar Part No. - CHA6358-99F00

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6356-QXG UMS-CHA6356-QXG Datasheet
657Kb / 16P
   21.2 - 23.6GHz Power Amplifier
CHA6356-QXG UMS-CHA6356-QXG_15 Datasheet
657Kb / 16P
   21.2 - 23.6GHz Power Amplifier
More results

Similar Description - CHA6358-99F00

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2266 UMS-CHA2266_15 Datasheet
166Kb / 8P
   GaAs Monolithic Microwave IC
CHA3511 UMS-CHA3511_15 Datasheet
287Kb / 10P
   GaAs Monolithic Microwave IC
CHA2090 UMS-CHA2090_15 Datasheet
167Kb / 8P
   GaAs Monolithic Microwave IC
CHM1191 UMS-CHM1191 Datasheet
90Kb / 6P
   GaAs Monolithic Microwave IC
CHA2411-QDG UMS-CHA2411-QDG Datasheet
684Kb / 10P
   GaAs Monolithic Microwave IC In QFN package
CHA2066-QAG UMS-CHA2066-QAG_15 Datasheet
211Kb / 12P
   GaAs Monolithic Microwave IC in SMD leadless package
logo
Siemens Semiconductor G...
CGY21 SIEMENS-CGY21 Datasheet
130Kb / 9P
   GaAs MMIC (Two-stage monolithic microwave IC MMIC amplifier)
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
   GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
logo
United Monolithic Semic...
CHC3014 UMS-CHC3014 Datasheet
1Mb / 16P
   X-band RX-TX Core Chip GaAs Monolithic Microwave IC
CHA6550-98F UMS-CHA6550-98F Datasheet
849Kb / 12P
   17-23.6GHz Power Amplifier GaAs Monolithic Microwave IC bare die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com