Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7023-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7023-10
Description  10 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7023-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7023-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7023-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7023-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
10 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated
To 2 Watts Up To 18 GHz PE7023-10
URL:
http://www.pasternack.com/10db-fixed-7mm-female-7mm-male-2-watts-attenuator-pe7023-10-p.aspx
PE7023-10
PE7023-10 REV
10 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless
Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz


Similar Part No. - PE7023-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7023-1 PASTERNACK-PE7023-1 Datasheet
246Kb / 3P
   1 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
More results

Similar Description - PE7023-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7023-2 PASTERNACK-PE7023-2 Datasheet
246Kb / 3P
   2 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7023-20 PASTERNACK-PE7023-20 Datasheet
246Kb / 3P
   20 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7023-30 PASTERNACK-PE7023-30 Datasheet
246Kb / 3P
   30 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7023-6 PASTERNACK-PE7023-6 Datasheet
246Kb / 3P
   6 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7023-3 PASTERNACK-PE7023-3 Datasheet
246Kb / 3P
   3 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7023-1 PASTERNACK-PE7023-1 Datasheet
246Kb / 3P
   1 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7004-10 PASTERNACK-PE7004-10 Datasheet
248Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7030-10 PASTERNACK-PE7030-10 Datasheet
218Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7005-2 PASTERNACK-PE7005-2 Datasheet
260Kb / 3P
   2 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
PE7030-2 PASTERNACK-PE7030-2 Datasheet
218Kb / 3P
   2 dB Fixed Attenuator, TNC Male To TNC Female Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com