Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0259001. Datasheet(PDF) 1 Page - Littelfuse

Part # 0259001.
Description  High interrupting rating
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0259001. Datasheet(HTML) 1 Page - Littelfuse

  0259001. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
84
HAZARDOUS AREA FUSES
Barrier Network Fuse 242 Series
®
®
Safe-T-Plus Fuse 259 Series
(.512")
13mm
(.394")
10mm
(.025")
.635mm
(.020")
.5mm
(.315")
8mm
(.197")
5mm
• Meets Barrier Network Standards for
hazardous applications.
• High interrupting rating.
• Available in both axial lead and surface mount.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating
Opening Time
110%
4 hours, Minimum
300%
10 seconds, Maximum
1000%
0.002 seconds, Maximum
INTERRUPTING RATINGS:
4000 amperes at 250VAC/VDC
PACKAGING: For surface mount version add packaging
suffix UR. For Axial Leaded version add packaging suffix UA.
For Axial Leaded version, taped add packaging suffix UAT1.
ORDERING INFORMATION:
Nominal
Nominal
Catalog
Ampere
Color
Resistance
Melting I
2t
Number
Rating
Coding
Cold Ohms
A
2 Sec.
0242.050
.050
Red
11.34
0.000103
0242.080
.080
Green
8.19
0.000214
0242.100
.100
Blue
3.60
0.000977
0242.160
.160
Violet
3.00
0.00157
0242.200
.200
Brown
2.68
0.0038
0242.250
.250
Black
1.6
0.00579
• Designed to allow equipment to meet “Intrinsically Safe”
certification for applications in gas plants, petrochemical
and processing industries where there is a danger of gas
explosion from faulty circuits.
• Hermetically sealed.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating
Opening Time
100%
4 hours, Minimum
200%
5 seconds, Maximum
AGENCY APPROVALS: Meets CENELEC EN50,
014 to 39 and BASEEFA BS 5501, part 7.
INTERRUPTING RATINGS:
50 amperes at 125 VAC
300 amperes at 125 VDC
ORDERING INFORMATION:
3.02mm
(.119")
8.40mm
(.331")
4.60mm
(.181")
1.90mm
(.075")
3.02mm
(.119")
8.40mm
(.331")
4.60mm
(.181")
1.90mm
(.075")
.635mm
(.025")
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I
2t
Number
Rating
Drop
Cold Ohms
A
2 Sec.
0259.062
.062
2.1
8.1
0.00016
0259.125
.125
1.3
2.4
0.0012
0259.250
.250
0.83
0.87
0.0095
0259.375
.375
0.81
0.46
0.025
0259.500
.500
0.78
0.32
0.07
0259.750
.750
0.23
0.19
0.062
0259001.
1
0.24
0.14
0.01
Schedule of limitations.
1) The fuse must be so mounted that creepage and clearance distances meet the
requirements of Table 2 of EN50020 :1977 or Table 4 of EN50020 :1994 (equivalent to
IEC 60079-11 4th Edition 1999).
2) When used in intrinsically safe apparatus it will be necessary to determine a surface
temperature classification for the fuse.


Similar Part No. - 0259001.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0259001. LITTELFUSE-0259001. Datasheet
90Kb / 1P
   Hazardous Area Fuses
0259001. LITTELFUSE-0259001. Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
0259001.M LITTELFUSE-0259001.M Datasheet
316Kb / 2P
   Safe-T-Plus Fuse 259 Series
0259001.T LITTELFUSE-0259001.T Datasheet
316Kb / 2P
   Safe-T-Plus Fuse 259 Series
More results

Similar Description - 0259001.

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EA1BDC100 OMRON-G9EA1BDC100 Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
logo
Bourns Electronic Solut...
MOV-20D820K BOURNS-MOV-20D820K Datasheet
689Kb / 4P
   High voltage rating
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7612 AVAGO-ACMD-7612 Datasheet
783Kb / 12P
   High power rating
logo
Ohmite Mfg. Co.
RES-TAP1000-2000 OHMITE-RES-TAP1000-2000 Datasheet
352Kb / 2P
   High Energy Rating
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7617 AVAGO-ACMD-7617 Datasheet
488Kb / 14P
   High Power Rating
logo
Mallory Sonalert Produc...
SCE048SA3QP1B MSPI-SCE048SA3QP1B Datasheet
55Kb / 1P
   Voltage Rating Voltage Rating
logo
Song Chuan Precision Co...
507 SONGCHUAN-507 Datasheet
929Kb / 6P
   High rating miniature PCB Relay.
logo
Mallory Sonalert Produc...
SCE016XD3MG3B MSPI-SCE016XD3MG3B Datasheet
59Kb / 1P
   Voltage Rating: Voltage Rating:
logo
Littelfuse
606 LITTELFUSE-606 Datasheet
486Kb / 3P
   The 606 series is a 10x32mm cartridge fuse rated at 500VAC with 40A to 63A current ratings and a 2,000A@500Vac interrupting rating
logo
WALSIN TECHNOLOGY CORPO...
WF25H WALSIN-WF25H Datasheet
186Kb / 7P
   High power rating and compact size
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com