Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7042-20 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7042-20
Description  20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7042-20 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7042-20 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7042-20 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7042-20 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2013 Pasternack Enterprises All Rights Reserved
20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum
Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
PE7042-20
CAD Drawing
PE7042-20 REV A


Similar Part No. - PE7042-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7042-10 PASTERNACK-PE7042-10 Datasheet
220Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
PE7042-30 PASTERNACK-PE7042-30 Datasheet
221Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
PE7042-30 PASTERNACK-PE7042-30 Datasheet
203Kb / 3P
   30 dB Fixed Attenuator
PE7042-30 PASTERNACK-PE7042-30_16 Datasheet
203Kb / 3P
   30 dB Fixed Attenuator
PE7042-40 PASTERNACK-PE7042-40 Datasheet
220Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
More results

Similar Description - PE7042-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7042-40 PASTERNACK-PE7042-40 Datasheet
220Kb / 3P
   40 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
PE7042-6 PASTERNACK-PE7042-6 Datasheet
220Kb / 3P
   6 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
PE7042-30 PASTERNACK-PE7042-30 Datasheet
221Kb / 3P
   30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
PE7042-10 PASTERNACK-PE7042-10 Datasheet
220Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
PE7041-20 PASTERNACK-PE7041-20 Datasheet
219Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7310-20 PASTERNACK-PE7310-20 Datasheet
350Kb / 3P
   20 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Male Directional Rated To 50 Watts Up To 7.5 GHz
PE7041-2 PASTERNACK-PE7041-2 Datasheet
220Kb / 3P
   2 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-10 PASTERNACK-PE7041-10 Datasheet
220Kb / 3P
   10 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-3 PASTERNACK-PE7041-3 Datasheet
220Kb / 3P
   3 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
PE7041-1 PASTERNACK-PE7041-1 Datasheet
220Kb / 3P
   1 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Aluminum Heatsink Black Anodized Body Rated To 25 Watts Up To 7.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com