Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7046-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7046-3
Description  3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7046-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7046-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7046-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7046-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To
0.5 Watts Up To 40 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
2.92mm Male
Connector 2
2.92mm Female
Electrical Specifications
Frequency Range, GHz
DC to 40
Impedance, Ohms
50
Attenuation Value, dB
3
Maximum Input Power, Watts
0.5
Maximum VSWR
1.4:1
Frequency 1
Range, GHz
DC to 40
Attenuation Accuracy, dB
± 0.8
Mechanical Specifications
Size
Length, in [mm]
0.85 [21.59]
Width, in [mm]
0.312 [7.92]
.
Connector 1
Type
2.92mm Male
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Connector 2
Type
2.92mm Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body
Rated To 0.5 Watts Up To 40 GHz PE7046-3
PE7046-3
PE7046-3 REV
3 dB Fixed Attenuator, 2.92mm Male To 2.92mm
Female Passivated Stainless Steel Body
Rated To 0.5 Watts Up To 40 GHz


Similar Part No. - PE7046-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7046-3 PASTERNACK-PE7046-3 Datasheet
236Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-30 PASTERNACK-PE7046-30 Datasheet
240Kb / 3P
   30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-30 PASTERNACK-PE7046-30 Datasheet
237Kb / 3P
   30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-30 PASTERNACK-PE7046-30_16 Datasheet
237Kb / 3P
   30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-3 PASTERNACK-PE7046-3_16 Datasheet
236Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
More results

Similar Description - PE7046-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7046-30 PASTERNACK-PE7046-30 Datasheet
240Kb / 3P
   30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-6 PASTERNACK-PE7046-6 Datasheet
241Kb / 3P
   6 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-10 PASTERNACK-PE7046-10 Datasheet
240Kb / 3P
   10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-20 PASTERNACK-PE7046-20 Datasheet
240Kb / 3P
   20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7090-3 PASTERNACK-PE7090-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7024-3 PASTERNACK-PE7024-3 Datasheet
245Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 2 Watts Up To 26.5 GHz
PE7090-20 PASTERNACK-PE7090-20 Datasheet
353Kb / 3P
   20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-10 PASTERNACK-PE7090-10 Datasheet
352Kb / 3P
   10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-15 PASTERNACK-PE7090-15 Datasheet
353Kb / 3P
   15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7088-3 PASTERNACK-PE7088-3 Datasheet
359Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com