Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201YJ4R7PBSTR Datasheet(PDF) 5 Page - AVX Corporation

Part # 0201YJ4R7PBSTR
Description  High purity of electrodes for very low and repeatable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0201YJ4R7PBSTR Datasheet(HTML) 5 Page - AVX Corporation

  0201YJ4R7PBSTR Datasheet HTML 1Page - AVX Corporation 0201YJ4R7PBSTR Datasheet HTML 2Page - AVX Corporation 0201YJ4R7PBSTR Datasheet HTML 3Page - AVX Corporation 0201YJ4R7PBSTR Datasheet HTML 4Page - AVX Corporation 0201YJ4R7PBSTR Datasheet HTML 5Page - AVX Corporation 0201YJ4R7PBSTR Datasheet HTML 6Page - AVX Corporation 0201YJ4R7PBSTR Datasheet HTML 7Page - AVX Corporation 0201YJ4R7PBSTR Datasheet HTML 8Page - AVX Corporation 0201YJ4R7PBSTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
10
1
Accu-P
®
Signal and Power Type Capacitors
TEMP. COEFFICIENT CODE
“K” = 0±60ppm/°C (-55°C to +125°C)
(2)
TEMP. COEFFICIENT CODE
“J” = 0±30ppm/°C (-55°C to +125°C)
(2)
(1) For capacitance values higher than listed in
table, please consult factory.
(2) TC shown is per EIA/IEC Specifications.
(3) For 50 volt range, please consult factory.
(1) For capacitance values higher than listed in table, please consult factory.
(2) TC shown is per EIA/IEC Specifications.
These values are produced with “K” temperature coefficient code only.
Accu-P
® Capacitance Ranges (pF)
Intermediate values are available within the indicated range.
Size
Size Code
0201
0402
0603
0805
1210
Voltage
100 50
25 16
10 100 50 25
16 10 100 50
25 100 50 25 100 50
Cap in
Cap
pF
(1)
code
0.1
0R1
0.2
0R2
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.8
0R8
0.9
0R9
1.0
1R0
1.1
1R1
1.2
1R2
1.3
1R3
1.4
1R4
1.5
1R5
1.6
1R6
1.7
1R7
1.8
1R8
1.9
1R9
2.0
2R0
2.1
2R1
2.2
2R2
2.3
2R3
2.4
2R4
2.5
2R5
2.6
2R6
2.7
2R7
2.8
2R8
2.9
2R9
3.0
3R0
3.1
3R1
3.2
3R2
3.3
3R3
3.4
3R4
3.5
3R5
3.6
3R6
3.7
3R7
3.8
3R8
3.9
3R9
4.0
4R0
4.1
4R1
4.2
4R2
4.3
4R3
4.4
4R4
4.5
4R5
4.6
4R6
4.7
4R7
5.1
5R1
5.6
5R6
6.2
6R2
6.8
6R8
7.5
7R5
8.2
8R2
9.1
9R1
10.0
100
11.0
110
12.0
120
13.0
130
14.0
140
15.0
150
16.0
160
17.0
170
18.0
180
19.0
190
20.0
200
21.0
210
22.0
220
24.0
240
27.0
270
30.0
300
33.0
330
39.0
390
47.0
470
56.0
560
68.0
680
Size
Size Code
805
1210
Voltage
100
50
25
100 50(3)
Cap in
Cap
pF
(1)
code
0.1
0R1
0.2
0R2
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.8
0R8
0.9
0R9
1.0
1R0
1.1
1R1
1.2
1R2
1.3
1R3
1.4
1R4
1.5
1R5
1.6
1R6
1.7
1R7
1.8
1R8
1.9
1R9
2.0
2R0
2.1
2R1
2.2
2R2
2.3
2R3
2.4
2R4
2.5
2R5
2.6
2R6
2.7
2R7
2.8
2R8
2.9
2R9
3.0
3R0
3.1
3R1
3.2
3R2
3.3
3R3
3.4
3R4
3.5
3R5
3.6
3R6
3.7
3R7
3.8
3R8
3.9
3R9
4.0
4R0
4.1
4R1
4.2
4R2
4.3
4R3
4.4
4R4
4.5
4R5
4.6
4R6
4.7
4R7
5.1
5R1
5.6
5R6
6.2
6R2
6.8
6R8
7.5
7R5
8.2
8R2
9.1
9R1
10.0
100
11.0
110
12.0
120
13.0
130
14.0
140
15.0
150
16.0
160
17.0
170
18.0
180
19.0
190
20.0
200
21.0
210
22.0
220
24.0
240
27.0
270
30.0
300
33.0
330
39.0
390
47.0
470
56.0
560
68.0
680


Similar Part No. - 0201YJ4R7PBSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0201YJ4R7PBSTR AVX-0201YJ4R7PBSTR Datasheet
458Kb / 20P
   Thin-Film Technology
0201YJ4R7PBSTR500 AVX-0201YJ4R7PBSTR500 Datasheet
1Mb / 25P
   Thin-Film Technology
More results

Similar Description - 0201YJ4R7PBSTR

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HSR57 MERCURY-HSR57 Datasheet
323Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR43 MERCURY-HSR43 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR53 MERCURY-HSR53 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HS14 MERCURY-HS14 Datasheet
120Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR8 MERCURY-HSR8 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR14 MERCURY-HSR14 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
logo
Sangdest Microelectroni...
209CNQ SMC-209CNQ Datasheet
140Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
303DMQ600 SMC-303DMQ600 Datasheet
174Kb / 3P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
40CPQ015 SMC-40CPQ015 Datasheet
129Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBRB10200CT SMC-MBRB10200CT Datasheet
262Kb / 7P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com