Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02015K4R7PBSTR Datasheet(PDF) 6 Page - AVX Corporation

Part # 02015K4R7PBSTR
Description  High purity of electrodes for very low and repeatable
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

02015K4R7PBSTR Datasheet(HTML) 6 Page - AVX Corporation

Back Button 02015K4R7PBSTR Datasheet HTML 2Page - AVX Corporation 02015K4R7PBSTR Datasheet HTML 3Page - AVX Corporation 02015K4R7PBSTR Datasheet HTML 4Page - AVX Corporation 02015K4R7PBSTR Datasheet HTML 5Page - AVX Corporation 02015K4R7PBSTR Datasheet HTML 6Page - AVX Corporation 02015K4R7PBSTR Datasheet HTML 7Page - AVX Corporation 02015K4R7PBSTR Datasheet HTML 8Page - AVX Corporation 02015K4R7PBSTR Datasheet HTML 9Page - AVX Corporation 02015K4R7PBSTR Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
11
1
Accu-P
®
0201 Typical Electrical Tables
Self
Capacitance Resonance
250MHz
500MHz
750MHz
1000MHz
1250MHz
@ 1 MHz
Frequency
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
(pF)
(GHz)
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typical
(pF)
( Ω)
(pF)
( Ω)
(pF)
( Ω)
(pF)
( Ω)
(pF)
( Ω)
0.8
9.1
0.84
2154
360
0.84
630
603
0.85
424
594
0.85
327
577
0.86
255
588
1.2
7.6
1.21
1375
405
1.21
525
517
1.22
341
527
1.23
267
503
1.23
208
515
1.8
6.3
1.84
1298
271
1.85
520
341
1.86
337
347
1.87
270
326
1.88
201
347
2.2
5.7
2.23
1355
214
2.24
512
281
2.25
335
284
2.27
264
270
2.29
199
284
3.3
4.6
3.29
1295
156
3.31
430
230
3.33
285
230
3.36
220
223
3.40
159
242
3.9
4.3
3.91
1902
93
3.93
460
181
3.97
298
185
4.02
227
181
4.08
163
198
4.7
3.9
4.71
1677
84
4.74
391
174
4.80
252
178
4.87
181
183
4.97
130
200
5.6
3.6
5.62
1391
84
5.67
370
154
5.74
257
148
5.83
195
144
5.95
140
157
6.8
3.3
6.77
1135
84
6.83
314
149
6.91
217
142
7.03
164
139
7.18
118
151
Self
Capacitance Resonance
1500MHz
1750MHz
2250MHz
2500MHz
2750MHz
@ 1 MHz
Frequency
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
(pF)
(GHz)
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typical
(pF)
( Ω)
(pF)
( Ω)
(pF)
( Ω)
(pF)
M
( Ω)
(pF)
( Ω)
0.8
9.1
0.86
204
611
0.87
168
631
0.88
141
587
0.89
126
571
0.90
122
532
1.2
7.6
1.24
155
565
1.26
129
577
1.28
92
570
1.30
89
566
1.31
81
558
1.8
6.3
1.90
148
388
1.92
123
395
1.96
96
395
1.99
83
396
2.02
74
397
2.2
5.7
2.32
145
320
2.34
123
322
2.41
93
329
2.46
81
328
2.50
72
330
3.3
4.6
3.45
119
266
3.50
101
263
3.63
74
277
3.73
64
276
3.84
55
281
3.9
4.3
4.16
122
216
4.25
103
214
4.46
75
224
4.63
64
223
4.79
56
225
4.7
3.9
5.08
99
213
5.23
83
212
5.55
60
221
5.83
50
222
6.10
43
224
5.6
3.6
6.11
108
166
6.31
91
164
6.76
64
174
7.16
53
175
7.56
45
141
6.8
3.3
7.38
93
155
7.63
76
158
8.22
54
166
8.74
44
169
9.29
37
173


Similar Part No. - 02015K4R7PBSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02015K4R7PBSTR AVX-02015K4R7PBSTR Datasheet
458Kb / 20P
   Thin-Film Technology
02015K4R7PBSTR500 AVX-02015K4R7PBSTR500 Datasheet
1Mb / 25P
   Thin-Film Technology
More results

Similar Description - 02015K4R7PBSTR

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HSR57 MERCURY-HSR57 Datasheet
323Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR43 MERCURY-HSR43 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR53 MERCURY-HSR53 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HS14 MERCURY-HS14 Datasheet
120Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications .
HSR8 MERCURY-HSR8 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
HSR14 MERCURY-HSR14 Datasheet
119Kb / 1P
   High purity and low total harmonic distortion. Ideal for audio modulation applications
logo
Sangdest Microelectroni...
209CNQ SMC-209CNQ Datasheet
140Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
303DMQ600 SMC-303DMQ600 Datasheet
174Kb / 3P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
40CPQ015 SMC-40CPQ015 Datasheet
129Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBRB10200CT SMC-MBRB10200CT Datasheet
262Kb / 7P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com