Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT5261 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT5261
Description  ACT 5261 64-Bit Superscaler Microprocessor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5261 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT5261 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT5261 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5261 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5261 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5261 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Aeroflex Circuit Technology
SCD5261 REV 1 12/22/98 Plainview NY (516) 694-6700
3
1.840
1.880
1.700
BSC
1.700
BSC
1.840
1.880
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
123456789
10 11 12 13 14 15 16 17 18
Bottom View
Side View
Future Package – "P10" – PGA 179 Pins
(Advanced)
1.131 (28.727) SQ
1.109 (28.169) SQ
1.009 (25.63)
.9998 (25.37)
51 Spaces at .0197
(51 Spaces at .50)
52
1
208
156
157
105
104
53
Pin 1 Chamfer
Detail "A"
0°±5°
1.331 (33.807)
1.269 (32.233)
.055 (1.397)
REF
.055 (1.397)
.045 (1.143)
.115 (2.921)
MAX
.960 (24.384) SQ
REF
.130 (3.302)
MAX
.010R MIN
.010R MIN
.009 (.253)
.007 (.178)
.015 (.381)
.009 (.229)
.100 (2.540)
.080 (2.032)
Package Information – "F17" – CQFP 208 Leads
Detail "A"
BSC
.100
.221
MAX
.018
.050
Note: Pin rotation is opposite of QEDs PQUAD due to cavity-up construction.
.035 (.889)
.025 (.635)
Units: Inches (Millimeters)


Similar Part No. - ACT5261

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5260 AEROFLEX-ACT5260 Datasheet
199Kb / 10P
   ACT5260PC-P10-POD FR4 Adapter
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
ACT5260PC-P10-POD AEROFLEX-ACT5260PC-P10-POD Datasheet
199Kb / 10P
   ACT5260PC-P10-POD FR4 Adapter
More results

Similar Description - ACT5261

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
   ACT 7000SC 64-Bit Superscaler Microprocessor
ACT5270 AEROFLEX-ACT5270 Datasheet
160Kb / 5P
   ACT5270 64-Bit Superscaler Microprocessor
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
   ACT5271 64-Bit Superscaler Microprocessor
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
   ACT5230 32-Bit Superscaler Microprocessor
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
   ACT5231 32-Bit Superscaler Microprocessor
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com