Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7053-6 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7053-6
Description  6 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7053-6 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7053-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7053-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7053-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
6 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To
10 Watts Up To 18 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
TNC Male
Connector 2
TNC Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
6
Maximum Input Power, Watts
10
Maximum VSWR
1.4:1
Frequency 1
Range, GHz
DC to 18
VSWR
1.4:1
Attenuation Accuracy, dB
± 0.5
Mechanical Specifications
Size
Length, in [mm]
2.585 [65.66]
Width, in [mm]
1 [25.4]
.
Connector 1
Type
TNC Male
Connector Specification
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/8
Torque, in-lbs [Nm]
14 [1.58]
Body Material and Plating
Passivated Stainless Steel
Connector 2
Type
TNC Female
Connector Specification
MIL-STD-348
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 6 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body
Rated To 10 Watts Up To 18 GHz PE7053-6
PE7053-6
PE7053-6 REV
6 dB Fixed Attenuator, TNC Male To TNC Female Aluminum
Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz


Similar Part No. - PE7053-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7053-6 PASTERNACK-PE7053-6 Datasheet
236Kb / 4P
   6 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
PE7053-6 PASTERNACK-PE7053-6_16 Datasheet
236Kb / 4P
   6 dB Fixed Attenuator, TNC Male to TNC Female Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7053-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7053-10 PASTERNACK-PE7053-10 Datasheet
225Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7053-40 PASTERNACK-PE7053-40 Datasheet
224Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7053-30 PASTERNACK-PE7053-30 Datasheet
224Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7053-20 PASTERNACK-PE7053-20 Datasheet
225Kb / 3P
   20 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7053-3 PASTERNACK-PE7053-3 Datasheet
225Kb / 3P
   3 dB Fixed Attenuator, TNC Male To TNC Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 18 GHz
PE7055-6 PASTERNACK-PE7055-6 Datasheet
225Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-10 PASTERNACK-PE7055-10 Datasheet
228Kb / 3P
   10 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-30 PASTERNACK-PE7055-30 Datasheet
228Kb / 3P
   30 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-40 PASTERNACK-PE7055-40 Datasheet
229Kb / 3P
   40 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7055-20 PASTERNACK-PE7055-20 Datasheet
228Kb / 3P
   20 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com