Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

98304 Datasheet(PDF) 5 Page - Honeywell Accelerometers

Part # 98304
Description  Other AC and DC Meters Available
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

98304 Datasheet(HTML) 5 Page - Honeywell Accelerometers

  98304 Datasheet HTML 1Page - Honeywell Accelerometers 98304 Datasheet HTML 2Page - Honeywell Accelerometers 98304 Datasheet HTML 3Page - Honeywell Accelerometers 98304 Datasheet HTML 4Page - Honeywell Accelerometers 98304 Datasheet HTML 5Page - Honeywell Accelerometers 98304 Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LCD Hour Meter Module
The Hobbs LCD hour meter module is a
custom engineered elapsed time meter
designed to be mounted directly to your
printed circuit board (PCB). It can be used
in a variety of AC or DC applications that
require an hour meter, counter or odometer
for preventive maintenance, warranty
verification, renting and leasing.
Specifications
• 6 digit/6mm display
• ±0.02% Accuracy
• Vibration tested per MIL-M-3971D at
10 g’s and SAE J1378 at 20 g’s
• Shock tested per MIL-M-3971D at 75 g’s
and SAE J1378 at 55 g’s
• Operating temp. range -40˚C to +85˚C
• Operating voltage range 9 to 64 VDC
(optional 4.5 to 16 VDC)
• Transient Voltage Protected
Over Voltage
Load Dump
Inductive
EMI
Reverse Polarity
• Power Consumption
.8 ma max at 12V (power terminal)
• Start time: maximum 1 second
All Hobbs modules have crucial
components exposed. The module
must be sufficiently protected if
used in an environment other than
specified. Consult Hobbs
marketing department when
suitability of application is
questioned.
Operating
Voltage
9 to 64 VDC
with enable & reset
4.5 to 16 VDC
Part #
D.C. Version
LCD Module
APPLICATIONS
• Medical
• Vending Machines
• Floor Cleaning Equip.
• Electronic Panels
• Instrument Panels
• Recreational
• Office Equipment
Features
• Large easy-to-read numbers
• Silent operation
• Low power demand
• Resettable and nonresettable
• 10 years data retention (without power)
over entire temperature range
• UL Recognized, CSA approved
• Pin termination .03 in diameter
• Hours from 0 to 99,999.9
• Counter from 0 to 999,999 pulses
• Voltages greater than 64 VDC
contact factory
98706
Termination
4 pin
Options
4.5 to 16 VDC
Operating
Voltage
9 to 64 VDC
with reset
9 to 64 VDC
without reset
Part #
Counter Version
98704
98705
Termination
4 terminal
3 terminal
Deluxe AC Hour Meters
When there’s a need to keep track of run
time, quality-minded companies choose
Hobbs! Whether it’s for testing purposes,
leasing applications, maintenance reasons,
and/or warranty programs, you want an
accurate and reliable hour meter. The
Hobbs 20000 Series hour meter delivers!
To ensure our high standards of quality, all
parts are in-process inspected. Every meter
must pass 100% function and timing
accuracy tests before shipping. These
“Deluxe” AC meters are also totally sealed
and
benefit from an uncommon design which
integrates the motor and frame into one
substructure.
Specifications
• Records up to 99,999 hours
Automatic recycle to zero
• 24,120 and 240 VAC models available
(Range ±10%)
• 50 and 60 Hertz versions
• 3.0 watts power rating
• Operating temperature: - 65°F to +154°F
(-54°C to +68°C)
• Accuracy: ±.02%.
• Weight: 3 oz
• Screw termination or 7” lead wires
• Lens material:
3-screw mount: Glass
All others: Polycarbonate
• Case material: Polycarbonate
• Number size: 0.12” (3mm)
• UL Listed (File # E47098): Screw terminals
• UL Recognized: Wire lead versions
• CSA Certified (File # LR42455)
• Conforms to MIL-M-3971 *
• CE Mark
Operating
Voltage
Hertz
Termination
108 to 132 VAC
108 to 132 VAC
108 to 132 VAC
108 to 132 VAC
216 to 264 VAC
216 to 264 VAC
216 to 264 VAC
216 to 264 VAC
50
50
60
60
50
50
60
60
Screw *
7” Leads **
Screw *
7” Leads **
Screw *
7” Leads **
Screw *
7” Leads **
Part #
20028
20034
20001
20035
20029
20036
20007
20037
Rectangular 2 Screw
Operating
Voltage
Hertz
Termination
108 to 132 VAC
108 to 132 VAC
108 to 132 VAC
108 to 132 VAC
216 to 264 VAC
216 to 264 VAC
216 to 264 VAC
216 to 264 VAC
50
50
60
60
50
50
60
60
Screw *
7” Leads **
Screw *
7” Leads **
Screw *
7” Leads **
Screw *
7” Leads **
Part #
Round 3 Screw
20016
20042
20017
20043
20018
20044
20019
20045
* UL Listed, CSA Certified and CE Mark
** UL Recognized, CSA Certified and CE Mark
Three-Screw Mount: Panel cut out
2.00 diameter opening. Three
.125 holes equaly spaced on
2.42 bolt circle diameter.*
Two-Screw Mount: Panel cut out
1.45 x .95 rectangular
opening. Two .150 holes
spaced 1.750.*
AC
APPLICATIONS
• Business machines
• Air conditioning
• Control panels
• Furnaces
• Lighting systems
• Lab test equipment
• Generators
• Sun tanning equipment
• Compressors & pumps
• Oxygen concentrators
• Refrigeration
• Many more!
Features
• Polycarbonate, shock resistant, tamper
proof case
• Totally sealed *
• Single phase, synchronous, permanently
lubricated motor
• Custom logo dials, 1/4” blade terminals,
special wire lengths.
Options: If you need it, let us know.
YOUR satisfaction is our goal!
* Applicable on shown “screw terminal”
meters. Contact Hobbs for specifications
on other available models.
20000 Series
* Panel cutout dimensions are ± .010 tolerance
All dimensions shown in inches and (metric)
* Panel cutout dimensions are ± .010 tolerance
All dimensions shown in inches and (metric)
4 pin
98707
5
8


Similar Part No. - 98304

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
9830 ALPHAWIRE-9830 Datasheet
106Kb / 4P
   Customer Specification
logo
B&K Precision Corporati...
9830 BK-9830 Datasheet
2Mb / 5P
   Programmable AC Power Source
logo
Festo Corporation.
9830 FESTO-9830 Datasheet
76Kb / 1P
   End stop signal generator
logo
Belden Inc.
9830 BELDEN-9830 Datasheet
161Kb / 2P
   RS232/422 Low Cap, #24-3pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
logo
3M Electronics
9830-NLM0 3M-9830-NLM0 Datasheet
173Kb / 4P
   3M™ Shielded Controlled Impedance (SCI)
2006
More results

Similar Description - 98304

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA200 EXTECH-MA200_15 Datasheet
229Kb / 1P
   400A AC and AC/DC Clamp Meters
MA220 EXTECH-MA220_15 Datasheet
229Kb / 1P
   400A AC and AC/DC Clamp Meters
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
logo
MORNSUN Science& Techno...
LO10-26D0512-04 MORNSUN-LO10-26D0512-04 Datasheet
633Kb / 4P
   AC-DC converter for electric meters
LO18-26C0513-03 MORNSUN-LO18-26C0513-03 Datasheet
624Kb / 5P
   AC-DC converter for electric meters
LO10-26DX512-04 MORNSUN-LO10-26DX512-04 Datasheet
502Kb / 5P
   AC-DC converter for electric meters
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com