Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20177 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # 20177
Description  Other AC and DC Meters Available
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

20177 Datasheet(HTML) 1 Page - Honeywell Accelerometers

  20177 Datasheet HTML 1Page - Honeywell Accelerometers 20177 Datasheet HTML 2Page - Honeywell Accelerometers 20177 Datasheet HTML 3Page - Honeywell Accelerometers 20177 Datasheet HTML 4Page - Honeywell Accelerometers 20177 Datasheet HTML 5Page - Honeywell Accelerometers 20177 Datasheet HTML 6Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
If you have not found what you are looking for or you
have further questions, please feel free to call us at
217-753-7797 or fax us at 217-753-7789. It will help
us process your request more efficiently and effectively
if you can provide as much detailed information about
your requirements/application as possible.
Thanks for considering Hobbs meters from
Honeywell!
MANUFACTURING
Honeywell Hobbs’ commitment to the customer in
past years and present is what has helped us develop
our world-class manufacturing systems. Some of the
methods by which we continuously improve our
products and processes are as follows:
Six Sigma methodology is a strategy used to accelerate
improvements in our processes, products and services, and
to reduce manufacturing costs and improve quality. It
achieves this by relentlessly focusing on eliminating waste
and reducing defects and variations.
Continous Flow Process utilizing “Rabbit Chase” concepts
are used in the focused factories in order to achieve the
lowest total cost, defect-free product.
Single Minute Exchange of Dies (SMED method) provides
reduced time in molding cell.
Statistical Process Control is used for measuring critical
dimensions and controlling manufacturing processes.
Poka-Yoke method and computerized test equipment are
utilized to eliminate scrap and rework.
Kanban cards are used to pull raw material and piece parts
through the factory.
Bar coding and electronic data interchange (EDI)
are available.
It is the goal of Honeywell Hobbs to meet customer value-needs through continuously improved products and processes. That is the
basis by which we work to create a partnership with our customers. Evidence of our commitment is proven by a goal of a Shipped
Product Quality Level (SPQL) of 100 ppm. We utilize Advanced Quality Planning and QS9000 based quality systems.
QUALITY SYSTEMS
© 2003 Honeywell International Inc. All Rights Reserved.
Sensing and Control
www.honeywell.com/hobbs
email: www.honeywellhobbs.marketing@honeywell.com
Honeywell
P.O. Box 19424
Springfield, IL 62794-9424
USA
Catalog 20-1103, GLO Printed in the USA
Sensing and Control


Similar Part No. - 20177

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
20177 AEC-20177 Datasheet
178Kb / 1P
   Tilt Switch ??Mercury - SPDT
logo
Molex Electronics Ltd.
2017700000 MOLEX11-2017700000 Datasheet
39Kb / 1P
   HOZOX HF2 High-Frequency Noise Absorption Roll, up to 40GHz, Single Layer
2017700001 MOLEX-2017700001 Datasheet
178Kb / 1P
   HOZOX HF2 ROLL TYPE
2016/06/01
2017701000 MOLEX11-2017701000 Datasheet
38Kb / 1P
   HOZOX HF2 High-Frequency Noise Absorption Sheet, up to 40GHz, Single Layer
2017701000 MOLEX-2017701000 Datasheet
133Kb / 1P
   HOZOX HF2 SHEET TYPE
2016/06/01
More results

Similar Description - 20177

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MA200 EXTECH-MA200_15 Datasheet
229Kb / 1P
   400A AC and AC/DC Clamp Meters
MA220 EXTECH-MA220_15 Datasheet
229Kb / 1P
   400A AC and AC/DC Clamp Meters
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
logo
MORNSUN Science& Techno...
LO10-26D0512-04 MORNSUN-LO10-26D0512-04 Datasheet
633Kb / 4P
   AC-DC converter for electric meters
LO18-26C0513-03 MORNSUN-LO18-26C0513-03 Datasheet
624Kb / 5P
   AC-DC converter for electric meters
LO10-26DX512-04 MORNSUN-LO10-26DX512-04 Datasheet
502Kb / 5P
   AC-DC converter for electric meters
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com