Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP250-60GHC Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP250-60GHC
Description  250 Watts ATX12V Switching Power Supply
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP250-60GHC Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP250-60GHC Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sparkle Power Inc.
A Leading Power Supply M
Input Characteristics
Input Range: 90 ~ 265Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 3A (RMS) @ 115Vac, 1.5A (RMS) @ 230Vac
Inrush Current: No damage
anufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: +10°C ~ +50°C ; storage
& shipping: -20°C ~ +80°C
Humidity: 5-95% RH on operating, 5-95%RH on storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: 80% minimum, typical up to 82%
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 140x150x86mm / 5.5x5.9x3.4inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Line Reg.
Ripple & Noise
+3.3V
0.1A
7A
14A
± 5%
± 1%
50mV P-P
+5V
0.2A
9A
18A
± 5%
± 1%
50mV P-P
+12V1
0.1A
6.5A
13A
± 5%
± 1%
120mV P-P
+12V2
0.5A
6.5A
13A (18A Peak)
± 5%
± 1%
120mV P-P
-12V
0.0A
0.25A
0.5A
± 10%
± 1%
120mV P-P
+5Vsb
0.05A
1A
2A (2.5A Peak)
± 5%
± 1%
50mV P-P
* +3.3V and +5V total output not exceed 97W
* Maximum combined current for the +12V outputs shall be 20A
* +12V2 Peak current is 18A (less than 10m Sec.), minimum voltage during peak is >11.0Vdc.
* +5Vsb Peak current is 2.5A (less than 500m Sec.).
FSP250-60GHC
(80PLUS, RoHS Compliant)
250 Watts ATX+12V Switching Power Supply
Features
Complied with ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi- ot, ATE, and burn-in tested
p
Re-settabl ower shut down
e p
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved y CUL/UL60950-1, CSA, TUV
(60950-1) EMKO,FCC,EMC
b
EN60950-1, CB report
,N
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


Similar Part No. - FSP250-60GHC

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP250-60GHN SPI-FSP250-60GHN Datasheet
249Kb / 1P
   250 Watts ATX12V Swithcing Power Supply
FSP250-60GHN85 SPI-FSP250-60GHN85 Datasheet
253Kb / 1P
   Complied with ATX12V standard
FSP250-60GHS SPI-FSP250-60GHS Datasheet
860Kb / 1P
   Complied with SFX12V standard
logo
FSP TECHNOLOGY INC.
FSP250-60GHT FSP-FSP250-60GHT Datasheet
128Kb / 1P
   AC - line powered switching power supply with active PFC circuit
More results

Similar Description - FSP250-60GHC

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI250EP SPI-SPI250EP Datasheet
42Kb / 1P
   250 Watts ATX12V Switching Power Supply
R-SPI250EP SPI-R-SPI250EP Datasheet
322Kb / 1P
   250 Watts ATX12V Switching Power Supply
FSP250-701US SPI-FSP250-701US Datasheet
92Kb / 1P
   250 Watts ATX 12V, 1U Switching Power Supply
FSP250-60GHN SPI-FSP250-60GHN Datasheet
249Kb / 1P
   250 Watts ATX12V Swithcing Power Supply
FSP1200-50AMPD SPI-FSP1200-50AMPD Datasheet
105Kb / 1P
   1200 Watts ATX 12V Switching Power Supply
FSP400-60GHC SPI-FSP400-60GHC Datasheet
259Kb / 1P
   400 Watts ATX12V Switching Power Supply
FSP500-60GHC SPI-FSP500-60GHC Datasheet
262Kb / 1P
   500 Watts ATX12V Switching Power Supply
FSP460-60GHC SPI-FSP460-60GHC Datasheet
262Kb / 1P
   460 Watts ATX12V Switching Power Supply
FSP300-60GHC SPI-FSP300-60GHC Datasheet
257Kb / 1P
   300 Watts ATX12V Switching Power Supply
FSP350-60GHC SPI-FSP350-60GHC Datasheet
260Kb / 1P
   350 Watts ATX12V Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com