Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8600 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT8600
Description  ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8600 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT8600 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aeroflex Circuit Technology
5
ACT8600 REV A 9/16/99
Plainview NY (516) 694-6700
CIRCUIT TECHNOLOGY
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) THE-1553
Specifications subject to change without notice
www.aeroflex.com/act1.htm
E-Mail: sales-act@aeroflex.com
Ordering Information
Model Number
Screening
DESC SMD #
Package
ACT8600
Military Temperature, -55°C to +125°C,
Screened to the individual test methods
of MIL-STD-883
-
6 Lead Power Pkg


Similar Part No. - ACT8600

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
776Kb / 50P
   Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
775Kb / 51P
   Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600QJ162-T ACTIVE-SEMI-ACT8600QJ162-T Datasheet
776Kb / 50P
   Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600QJ162-T ACTIVE-SEMI-ACT8600QJ162-T Datasheet
775Kb / 51P
   Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600 ACTIVE-SEMI-ACT8600_14 Datasheet
775Kb / 51P
   Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
More results

Similar Description - ACT8600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
   Rad-hard adjustable negative voltage regulator
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
   Rad-Hard Adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
   Rad-hard adjustable positive voltage regulator
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
   Rad-hard adjustable positive voltage regulator
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
   Rad-hard adjustable positive voltage regulator
logo
Anaren Microwave
MSK5973RH ANAREN-MSK5973RH Datasheet
447Kb / 8P
   RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
STMicroelectronics
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
   2 A rad-hard adjustable positive voltage regulator
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
   2 A Rad-hard adjustable positive linear voltage regulator
Rev 1 - November 2022
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
   RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com