Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

021601.6.MXESPP Datasheet(PDF) 3 Page - Littelfuse

Part # 021601.6.MXESPP
Description  Axial Lead Fuses
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

021601.6.MXESPP Datasheet(HTML) 3 Page - Littelfuse

  021601.6.MXESPP Datasheet HTML 1Page - Littelfuse 021601.6.MXESPP Datasheet HTML 2Page - Littelfuse 021601.6.MXESPP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead Fuses
216SP Series
5×20 mm > Fast-Acting > 216SP Series
Please refer to www.littelfuse.com/series/216SP.html for current information.
*8Aand10Ahave0.8mmdiameter
All unit in mm.
Dimensions
5.1 ± 0.6
20 ± 0.5
5.1 ± 0.6
Packaging
Packaging Option
Packaging Specification
Quantity
Packaging Code
Reel Size
216SP Series
Bulk
N/A
1000
MXE
N/A
Part Numbering System
0216 xxxx M X E SP P
Series
Current Rating Code
Refer to Amp Code column of
Electrical Characteristics Table
Lead-free
Single Pigtail
Quantity Code
M = 1000
Option Codes
Blank : Cartidge Type Fuse
E
: Axial Leaded Fuse
Packaging Code
X = Filler
Materials
Body: Ceramic
Cap: Nickel–plated Brass
Leads: Tin–plated Copper
Terminal Strength
MIL-STD-202G,Method211A,Test
Condition A
Solderability
ReferenceIEC60127SecondEdition
2003-01 Annex A
Product Marking
Cap 1: Brand logo, current and voltage
ratings
Cap 2: Agency approval marks
Product Characteristics
Operating Temperature
–55ºCto+125ºC
Thermal Shock
MIL-STD-202G,Method107G,Test
Condition B (5 cycles, –65ºC to
+125ºC)
Vibration
MIL-STD-202G,Method201A
Humidity
MIL-STD-202G,Method103B,Test
ConditionA(HighRH(95%)and
elevatedtemp(40ºC)for240hours)
Salt Spray
MIL-STD-202G,Method101D,Test
Condition B


Similar Part No. - 021601.6.MXESPP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
021601.6HXP LITTELFUSE-021601.6HXP Datasheet
344Kb / 4P
   216 Series, 5 x 20 mm, Fast-Acting Fuse
021601.6MXEP LITTELFUSE-021601.6MXEP Datasheet
344Kb / 4P
   216 Series, 5 x 20 mm, Fast-Acting Fuse
021601.6MXP LITTELFUSE-021601.6MXP Datasheet
344Kb / 4P
   216 Series, 5 x 20 mm, Fast-Acting Fuse
More results

Similar Description - 021601.6.MXESPP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
215SP LITTELFUSE-215SP Datasheet
211Kb / 3P
   Axial Lead Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
0314030.MXP LITTELFUSE-0314030.MXP Datasheet
197Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com