Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0219125.MXAP Datasheet(PDF) 1 Page - Littelfuse

Part # 0219125.MXAP
Description  Axial Lead & Cartridge Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0219125.MXAP Datasheet(HTML) 1 Page - Littelfuse

  0219125.MXAP Datasheet HTML 1Page - Littelfuse 0219125.MXAP Datasheet HTML 2Page - Littelfuse 0219125.MXAP Datasheet HTML 3Page - Littelfuse 0219125.MXAP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revised: January 7, 2009
277
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
219XA Series
5×20 mm > Time-Lag > 219XA Series
Please refer to www.littelfuse.com/series/219XA.html for current information.
Agency Approvals
Features
Electrical Characteristics for Series
% of Ampere
Rating
Ampere Rating
OpeningTime
150%
40mA – 100mA
1 hours, Minimum
125mA – 6.3A
1 hours, Minimum
210%
40mA – 100mA
2 minutes, Maximum
125mA – 6.3A
2 minutes, Maximum
275%
40mA – 100mA
0.2 sec., Min; 10 sec. Max
125mA – 6.3A
0.6 sec., Min; 10 sec. Max
400%
40mA – 100mA
0.04 sec., Min; 3 sec. Max
125mA – 6.3A
.15 sec., Min; 3 sec. Max
1000%
40mA – 100mA
.01 sec., Min; 0.3 sec. Max
125mA – 6.3A
.02 sec., Min; 0.3 sec. Max
Applications
Agency
Agency File Number
Ampere Range
PS
E
Cartridge Certifications:
NBK220604-E10480A
NBK230604-E10480A
Leaded Certifications:
NBK220604-E10480B
NBK230604-E10480B
1A – 5A
6.3A
1A – 5A
6.3A
Certifications:
2004010207110266
2003010207079982
125mA – 800mA
1A – 6.3A
Recognised File:
E10480
Guide:
JDYX2
40mA – 6.3A
File and Acc. Class:
029862_0_000
125mA – 6.3A
License:
KM41462
File:
604904/604924
402708
310144
40mA – 100mA
125mA – 800mA
1A – 6.3A
License:
40016080
125mA – 6.3A
40mA – 6.3A
International (IEC )
Standards for use
globally
60127-2, Sheet 6
specification for time-
Lag fuses
and axial lead form
lead-free
5x20mm time-Lag glass body cartridge fuse designed to
IEC specification
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
219XA Series, 5x20mm,Time-Lag (Slo-Blo®) Fuse
PS
E
Description


Similar Part No. - 0219125.MXAP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0219125XA LITTELFUSE-0219125XA Datasheet
253Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
0219125XAP LITTELFUSE-0219125XAP Datasheet
236Kb / 2P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse
More results

Similar Description - 0219125.MXAP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com