Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8503-C Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # ACT8503-C
Description  ACT8503 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8503-C Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button ACT8503-C Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8503-C Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8503-C Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8503-C Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8503-C Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8503-C Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8503-C Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8503-C Datasheet HTML 9Page - Aeroflex Circuit Technology ACT8503-C Datasheet HTML 10Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Aeroflex Circuit Technology
SCD8503 REV A 10/26/01 Plainview NY (516) 694-6700
0.8V
Enable Line
4V
OUTPUT
tONEN
tOFFEN
Definition of
tOFFA
tOFFA
0V
OUTPUT
0.8V
4V
tONA
Definition of
tONA
0V
12V MIN
OUTPUT
0.8V
4V
Address Lines
Definition of tONEN and tOFFEN
0V
Address Lines
50%
90%
10%


Similar Part No. - ACT8503-C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-7 AEROFLEX-ACT8500-7 Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-C AEROFLEX-ACT8500-C Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-I AEROFLEX-ACT8500-I Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-S AEROFLEX-ACT8500-S Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
More results

Similar Description - ACT8503-C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8502 AEROFLEX-ACT8502 Datasheet
89Kb / 10P
   ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
ACT8501 AEROFLEX-ACT8501 Datasheet
87Kb / 10P
   ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
   ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8513 AEROFLEX-ACT8513 Datasheet
95Kb / 8P
   ACT8513 48-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
   ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8530 AEROFLEX-MUX8530 Datasheet
89Kb / 8P
   MUX8530 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8508 AEROFLEX-ACT8508 Datasheet
279Kb / 8P
   ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8504 AEROFLEX-ACT8504 Datasheet
92Kb / 11P
   ACT8504 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com