Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

021906.3.MXAP Datasheet(PDF) 2 Page - Littelfuse

Part # 021906.3.MXAP
Description  Axial Lead & Cartridge Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

021906.3.MXAP Datasheet(HTML) 2 Page - Littelfuse

  021906.3.MXAP Datasheet HTML 1Page - Littelfuse 021906.3.MXAP Datasheet HTML 2Page - Littelfuse 021906.3.MXAP Datasheet HTML 3Page - Littelfuse 021906.3.MXAP Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revised: January 7, 2009
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
278
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
219XA Series
5×20 mm > Time-Lag > 219XA Series
Please refer to www.littelfuse.com/series/219XA.html for current information.
Amp
Code
Amp
Rating
(A)
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t
(A2 sec)
Nominal
Voltage
Drop at
Rated
Current
(mV)
Nominal
Power
Dissipation
at Rated
Current
(W)
Agency Approvals
PS
E
.040
0.040
250
150A @
250VAC
31.8620
0.01100
4000
1.6
x
x
x
.050
0.050
250
21.2920
0.01700
3500
1.6
x
x
x
.063
0.063
250
14.2685
0.02850
3000
1.6
x
x
x
.100
0.100
250
6.0180
0.07900
2500
1.6
x
x
x
.125
0.125
250
4.2000
0.13000
2000
1.6
xxxxxxx
.160
0.160
250
2.5500
0.31000
1900
1.6
xxxxxxx
.200
0.200
250
1.6000
0.32000
1500
1.6
xxxxxxx
.250
0.250
250
1.0495
0.54000
1300
1.6
xxxxxxx
.315
0.315
250
0.8475
1.23000
1100
1.6
xxxxxxx
.400
0.400
250
0.5350
1.40000
1000
1.6
xxxxxxx
.500
0.500
250
0.3700
3.00000
900
1.6
xxxxxxx
.630
0.630
250
0.2750
4.82000
300
1.6
xxxxxxx
.800
0.800
250
0.1635
9.35000
250
1.6
xxxxxxx
001.
1.00
250
0.1165
19.20000
150
1.6
xxxxxxxx
1.25
1.25
250
0.0817
27.15000
150
1.6
xxxxxxxx
01.6
1.60
250
0.0551
44.20000
150
1.6
xxxxxxxx
002.
2.00
250
0.0452
92.70500
150
1.6
xxxxxxxx
02.5
2.50
250
0.0305
138.00000
120
1.6
xxxxxxxx
3.15
3.15
250
0.0231
202.00000
100
1.6
xxxxxxxx
004.
4.00
250
0.0158
330.00000
100
1.6
x
x
xxxxxx
005.
5.00
250
0.0117
544.00000
100
1.6
xxxxxxxx
06.3
6.3
250
0.0117
1093.03500
100
1.6
xxxxxxxx
Electrical Characteristic Specifications by Item


Similar Part No. - 021906.3.MXAP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
021906.3 LITTELFUSE-021906.3 Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
021906.3A LITTELFUSE-021906.3A Datasheet
130Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
021906.3M LITTELFUSE-021906.3M Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
021906.3M- LITTELFUSE-021906.3M- Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
021906.3M-ND LITTELFUSE-021906.3M-ND Datasheet
39Kb / 1P
   5 x 20 mm Time Lag Fuse (SIo-Blo) Fuse 219 Series
More results

Similar Description - 021906.3.MXAP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
   Axial Lead & Cartridge Fuses
505 LITTELFUSE-505 Datasheet
176Kb / 3P
   Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
   Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
   Axial Lead & Cartridge Fuses
388 LITTELFUSE-388 Datasheet
143Kb / 3P
   Axial Lead & Cartridge Fuses
477 LITTELFUSE-477 Datasheet
420Kb / 3P
   Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com