Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM-638000029MY Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # TM-638000029MY
Description  Hand Tool for 1.20mm Crimp Terminals, 30 AWG Wire for Reeled Product
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

TM-638000029MY Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  TM-638000029MY Datasheet HTML 1Page - Molex Electronics Ltd. TM-638000029MY Datasheet HTML 2Page - Molex Electronics Ltd. TM-638000029MY Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
Molex:
63823-0100


Similar Part No. - TM-638000029MY

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
TM-638000029MY MOLEX11-TM-638000029MY Datasheet
23Kb / 1P
   Hand Crimper
TM-638000029MY MOLEX5-TM-638000029MY Datasheet
46Kb / 3P
   Hand Crimp Tool for Wire-to-Board Terminal, 28-30 AWG Wire for Loose Parts Only
More results

Similar Description - TM-638000029MY

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638230100 MOLEX11-0638230100 Datasheet
29Kb / 1P
   Hand Tool for 1.20mm Crimp Terminals, 30 AWG Wire for Reeled Product
0638230100 MOLEX-0638230100 Datasheet
31Kb / 1P
   Hand Tool for 1.20mm Crimp Terminals, 30 AWG Wire for Reeled Product
03/01/2022
0638194800 MOLEX11-0638194800 Datasheet
29Kb / 1P
   Hand Tool for 1.20mm Crimp Terminals, 28 AWG Wire for Reeled Product
0638194800 MOLEX-0638194800 Datasheet
31Kb / 1P
   Hand Tool for 1.20mm Crimp Terminals, 28 AWG Wire for Reeled Product
03/01/2022
2133096500 MOLEX-2133096500 Datasheet
21Kb / 1P
   Hand Crimp Tool for 1.20mm Pitch Pico-EZmate Crimp Terminals, 28-30 AWG
08/25/2022
0638193600 MOLEX-0638193600 Datasheet
34Kb / 2P
   Hand Tool for 3.96mm Crimp Terminals, 18-20 AWG Wire
11/02/2021
2133096600 MOLEX-2133096600 Datasheet
21Kb / 1P
   Hand Crimp Tool for OneBlade 1.00mm Pitch Crimp Terminals, 28-30 AWG, UL1571 Wire
08/25/2022
63819-3600 MOLEX11-63819-3600 Datasheet
37Kb / 1P
   Hand Tool for 3.96mm Crimp Terminals, 18-20 AWG Wire
2133096000 MOLEX-2133096000 Datasheet
33Kb / 1P
   Hand Crimp Tool for Mega-Fit Wire-to-Wire Crimp Terminals, 10 AWG
08/25/2022
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
   Hand Crimp Tool for Crimp Terminals
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com