Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-SF2816N-26F18C Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # ACT-SF2816N-26F18C
Description  ACT-SF2816 High Speed 128Kx16 SRAM / 512Kx16 FLASH Multichip Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-SF2816N-26F18C Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button ACT-SF2816N-26F18C Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-SF2816N-26F18C Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-SF2816N-26F18C Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-SF2816N-26F18C Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-SF2816N-26F18C Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-SF2816N-26F18C Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-SF2816N-26F18C Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-SF2816N-26F18C Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-SF2816N-26F18C Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Aeroflex Circuit Technology
SCD3853 REV B 5/18/99 Plainview NY (516) 694-6700
11
Ordering Information
Model Number
DESC SMD Number
Speed
Package
ACT–SF2816N–26P3Q
TBD
25(S) / 60(F) ns
1.08"sq PGA-Type
ACT–SF2816N–37P3Q
TBD
35(S) / 70(F) ns
1.08"sq PGA-Type
ACT–SF2816N–39P3Q
TBD
35(S) / 90(F) ns
1.08"sq PGA-Type
ACT–SF2816N–26P7Q
TBD
25(S) / 60(F) ns
1.08"sq PGA-Type
ACT–SF2816N–37P7Q
TBD
35(S) / 70(F) ns
1.08"sq PGA-Type
ACT–SF2816N–39P7Q
TBD
35(S) / 90(F) ns
1.08"sq PGA-Type
ACT–SF2816N–26F18Q
TBD
25(S) / 60(F) ns
.94"sq CQFP
ACT–SF2816N–37F18Q
TBD
35(S) / 70(F) ns
.94"sq CQFP
ACT–SF2816N–39F18Q
TBD
35(S) / 90(F) ns
.94"sq CQFP
Note: (S) = Speed for SRAM, (F) = Speed for FLASH
Part Number Breakdown
ACT– S F 28 16 N– 26 P7 Q
Aeroflex Circuit
Technology
Memory Type
SF = SRAM Flash Combo Module
Memory Depth
Memory Width, Bits
Memory Speed Code
Package Type & Size
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C, Screening
*
Q = MIL-PRF-38534 Compliant / SMD
Screening
* Screened to the individual test methods of MIL-STD-883
Surface Mount Packages
Thru-Hole Packages
F18 = .94"SQ 68 Lead Dual-Cavity
CQFP
P3 = 1.085"SQ PGA 66 Pins
with out shoulder
P7 = 1.085"SQ PGA 66 Pins
with shoulder
26 = 25ns SRAM & 60ns FLASH
37 = 35ns SRAM & 70ns FLASH
39 = 35ns SRAM & 90ns FLASH
Options, N = none
2 = 2M SRAM, 8 = Locations
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) 843-1553
CIRCUIT TECHNOLOGY
Specifications subject to change without notice.


Similar Part No. - ACT-SF2816N-26F18C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-SF128K16N-26F18C AEROFLEX-ACT-SF128K16N-26F18C Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18I AEROFLEX-ACT-SF128K16N-26F18I Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18M AEROFLEX-ACT-SF128K16N-26F18M Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18Q AEROFLEX-ACT-SF128K16N-26F18Q Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACT-SF128K16N-26F18T AEROFLEX-ACT-SF128K16N-26F18T Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
More results

Similar Description - ACT-SF2816N-26F18C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
logo
Aeroflex Circuit Techno...
ACT-SF128K32 AEROFLEX-ACT-SF128K32 Datasheet
168Kb / 10P
   ACT-SF128K32 High Speed 128Kx32 SRAM / 128Kx32 Flash Multichip Module
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
ACT-SF41632 AEROFLEX-ACT-SF41632 Datasheet
182Kb / 11P
   ACT-SF41632 High Speed 128Kx32 SRAM / 512Kx32 Flash Multichip Module
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTF128K32 AEROFLEX-ACTF128K32 Datasheet
201Kb / 20P
   ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com