Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-F128K32N-120P7C Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # ACT-F128K32N-120P7C
Description  ACT-F128K32 High Speed 4 Megabit FLASH Multichip Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-F128K32N-120P7C Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button ACT-F128K32N-120P7C Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-F128K32N-120P7C Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-F128K32N-120P7C Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-F128K32N-120P7C Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-F128K32N-120P7C Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-F128K32N-120P7C Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-F128K32N-120P7C Datasheet HTML 9Page - Aeroflex Circuit Technology ACT-F128K32N-120P7C Datasheet HTML 10Page - Aeroflex Circuit Technology ACT-F128K32N-120P7C Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Aeroflex Circuit Technology
SCD1667 REV A 4/28/97 Plainview NY (516) 694-6700
7
within the 80µs time-out window the timer is reset.
(Monitor D3 to determine if the sector erase timer window
is still open, see section D3, Sector Erase Timer.) Any
commarid other than Sector Erase during this period will
reset the device to read mode, ignoring the previous
command string. In that case, restart the erase on those
sectors and allow them to complete.
Loading the sector erase buffer may be done in any
sequence and with any number of sectors (0 to 7).
Sector erase does not require the user to program the
device prior to erase. The device automatically programs
all memory locations in the sector(s) to be erased prior to
electrical erase. When erasing a sector or sectors the
remaining unselected sectors are not affected.
The
system is not required to provide any controls or timings
during these operations. Post Erase data state is all "1"s.
The automatic sector erase begins after the 80µs time
out from the rising edge of the WE pulse for the last
sector erase command pulse and terminates when the
data on D7, Data Polling, is “1" (see Write Operatlon
Status secton) at which time the device returns to read
mode. Data Polling must be performed at an address
within any of the sectors being erased.
Figure 4 illustrates the Embedded Erase Algorithm.
Data Protection
The ACT-F128K32 is designed to offer protection against
accidental erasure or programming caused by spurious
system level singles that may exist during power
transitions.
During power up the device automatically
resets the internal state machine in the read mode. Also,
with its control register architecture, alteration of the
memory content only occurs after successful completion
of specific multi-bus cycle command sequences.
The device also incorporates several features to prevent
inadvertent write cycles resulting from Vcc power-up and
power-down transitions or system noise.
LOW Vcc WRITE INHIBIT
To avoid initiation of a write cycle during Vcc power-up
and power-down, a write cycle is locked out for VCC less
than 3.2V (typically 3.7V). If VCC < VLKO, the command
register is disabled and all internal program/erase circuits
are disabled. Under this condition the device will reset to
read mode. Subsequent writes will be ignored until the
Vcc level is greater than VLKO.
It is the users
responsibility to ensure that the control pins are logically
correct to prevent unintentional writes when Vcc is above
3.2V.
WRITE PULSE GLITCH PROTECTION
Noise pulses of less than 5ns (typical) on OE, CE or WE
will not initiate a write cycle.
LOGICAL INHIBIT
Writing is inhibited by holding anyone of OE = VIL, CE =
VIH or WE = VIH. To initiate a write cycle CE and WE
must be logical zero while OE is a logical one.
POWER-UP WRITE INHIBIT
Power-up of the device with WE = CE = VIL and OE = VIH
will not accept commands on the rising edge of WE. The
internal state machine is automatically reset to the read
mode on power-up.
Write Operation Status
D7
DATA POLLING
The ACT-F128K32 features Data Polling as a method to
indicate to the host that the internal algorithms are in
progress or completed.
During the program algorithm, an attempt to read the
device will produce compliment data of the data last
written to D7. Upon completion of the programming
algorithm an attempt to read the device will produce the
true data last written to D7. Data Polling is valid after the
rising edge of the fourth WE pulse in the four write pulse
sequence.
During the erase algorithm, D7 will be "0" until the erase
operation is completed. Upon completion data at D7 is
"1". For chip erase, the Data Polling is valid after the
rising edge of the sixth WE pulse in the six write pulse
sequence.
For sector erase, the Data Polling is Valid
after the last rising edge of the sector erase WE pulse.
The Data Polling feature is only active during the
programming algorithm, erase algorithm, or sector erase
time-out.
See Figures 6 and 10 for the Data Polling specifications.
D6
TOGGLE BIT
The ACT-F128K32 also features the "Toggle Bit" as a
method to indicate to the host system that algorithms are
in progress or completed.
During a program or erase algorithm cycle, successive
attempts to read data from the device will result in D6
toggling between one and zero. Once the program or
erase algorithm cycle is completed, D6 Will stop toggling
and valid data will be read on successive attempts.
During programming the Toggle Bit is valid after the rising
edge of the fourth WE pulse in the four write pulse
sequence. For chip erase the Toggle Bit is valid after the
rising edge of the sixth WE pulse in the six write pulse
sequence. For Sector erase, the Toggle Bit is valid after
the last rising edge of the sector erase WE pulse. The
Toggle Bit is active during the sector time out.
See Figure 1 and 5.


Similar Part No. - ACT-F128K32N-120P7C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-F1288N-060F6C AEROFLEX-ACT-F1288N-060F6C Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6I AEROFLEX-ACT-F1288N-060F6I Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6M AEROFLEX-ACT-F1288N-060F6M Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6Q AEROFLEX-ACT-F1288N-060F6Q Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
ACT-F1288N-060F6T AEROFLEX-ACT-F1288N-060F6T Datasheet
150Kb / 21P
   ACT-F128K8 High Speed 1 Megabit Monolithic FLASH
More results

Similar Description - ACT-F128K32N-120P7C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACTF512K32 AEROFLEX-ACTF512K32 Datasheet
238Kb / 20P
   ACT-F512K32 High Speed 16 Megabit FLASH Multichip Module
ACTE128K32 AEROFLEX-ACTE128K32 Datasheet
171Kb / 12P
   ACT-E128K32 High Speed 4 Megabit EEPROM Multichip Module
ACTF4M32A AEROFLEX-ACTF4M32A Datasheet
65Kb / 5P
   ACT-F4M32A High Speed 128 Megabit Sector Erase FLASH Multichip Module
ACTF2M32A AEROFLEX-ACTF2M32A Datasheet
92Kb / 9P
   ACT-F2M32A High Speed 64 Megabit Sector Erase FLASH Multichip Module
ACTF1M32 AEROFLEX-ACTF1M32 Datasheet
149Kb / 9P
   ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module
ACT-S128K32V AEROFLEX-ACT-S128K32V Datasheet
120Kb / 7P
   ACT-S128K32V High Speed 3.3Volt 4 Megabit SRAM Multichip Module
ACTRS128K32 AEROFLEX-ACTRS128K32 Datasheet
137Kb / 8P
   RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
ACT-S512K32V AEROFLEX-ACT-S512K32V Datasheet
169Kb / 8P
   ACT-S512K32V High Speed 3.3Volt 16 Megabit SRAM Multichip Module
ACTSF128K16 AEROFLEX-ACTSF128K16 Datasheet
169Kb / 11P
   ACT-SF128K16 High Speed 128Kx16 SRAM/FLASH Multichip Module
ACTSF512K16 AEROFLEX-ACTSF512K16 Datasheet
168Kb / 11P
   ACT-SF512K16 High Speed 512Kx16 SRAM/FLASH Multichip Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com