Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7014-10 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7014-10
Description  10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7014-10 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7014-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7014-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7014-10 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts
Up To 18 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
N Male
Connector 2
N Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
10
Maximum Input Power, Watts
5
Maximum VSWR
1.4:1
Frequency 1
Range, GHz
DC to 18
VSWR
1.4:1
Attenuation Accuracy, dB
± 0.5
Mechanical Specifications
Temperature
Size
Length, in [mm]
1.9 [48.26]
Width, in [mm]
0.8 [20.32]
.
Connector 1
Type
N Male
Connector Specification
MIL-C-39012
Contact Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Passivated Stainless Steel
Connector 2
Type
N Female
Connector Specification
MIL-C-39012
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Passivated Stainless Steel
10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink
Black Anodized Body Rated To 5 Watts Up To 18 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated
To 5 Watts Up To 18 GHz PE7014-10
PE7014-10
PE7014-10 REV


Similar Part No. - PE7014-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7014-10 PASTERNACK-PE7014-10 Datasheet
234Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7014-10 PASTERNACK-PE7014-10_16 Datasheet
234Kb / 3P
   10 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7014-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7014-1 PASTERNACK-PE7014-1 Datasheet
764Kb / 3P
   1 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7014-6 PASTERNACK-PE7014-6 Datasheet
764Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7014-20 PASTERNACK-PE7014-20 Datasheet
767Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7014-2 PASTERNACK-PE7014-2 Datasheet
768Kb / 3P
   2 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7014-40 PASTERNACK-PE7014-40 Datasheet
765Kb / 3P
   40 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7014-3 PASTERNACK-PE7014-3 Datasheet
764Kb / 3P
   3 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7014-30 PASTERNACK-PE7014-30 Datasheet
769Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7386-10 PASTERNACK-PE7386-10 Datasheet
249Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 3 GHz
PE7048-10 PASTERNACK-PE7048-10 Datasheet
223Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 12.4 GHz
PE7010-10 PASTERNACK-PE7010-10 Datasheet
219Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 10 Watts Up To 2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com