Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-5270PC-133F17M Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-5270PC-133F17M
Description  ACT5270 64-Bit Superscaler Microprocessor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-5270PC-133F17M Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-5270PC-133F17M Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-5270PC-133F17M Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-5270PC-133F17M Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-5270PC-133F17M Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-5270PC-133F17M Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aeroflex Circuit Technology
SCD5270 REV 1 12/22/98 Plainview NY (516) 694-6700
5
Sample Ordering Information
Part Number
Screening
Speed (MHz)
Package
ACT-5270PC-133F17C
Commercial Temperature
133
208 Lead CQFP
ACT-5270PC-150F17I
Industrial Temperature
150
208 Lead CQFP
ACT-5270PC-200F17T
Military Temperature
200
208 Lead CQFP
ACT-5270PC-200F17M
Military Screened
200
208 Lead CQFP
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
www.aeroflex.com/act1.htm
E-Mail: sales-act@aeroflex.com
Specifications subject to change without notice.
CIRCUIT TEC HNOL OGY
Part Number Breakdown
ACT– 5270 PC – 200 F17 M
Aeroflex Circuit
Technology
Base Processor Type
133 = 133MHz
150 = 150MHz
200 = 200MHz
Cache Style
Package Type & Size
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C, Screened
*
Q = MIL-PRF-38534 Compliant/SMD if applicable
Screening
* Screened to the individual test methods of MIL-STD-883
PC = Primary Cache
Maximum Pipeline Freq.
Surface Mount Package
F17 = 1.120" SQ 208 Lead CQFP
F24 = 1.120" SQ Inverted 208 Lead CQFP
Thru-Hole Package
P10 = 1.86"SQ PGA 179 pins with shoulder (Advanced)


Similar Part No. - ACT-5270PC-133F17M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-5271PC-150F17C AEROFLEX-ACT-5271PC-150F17C Datasheet
165Kb / 5P
   ACT5271 64-Bit Superscaler Microprocessor
ACT-5271PC-150F17I AEROFLEX-ACT-5271PC-150F17I Datasheet
165Kb / 5P
   ACT5271 64-Bit Superscaler Microprocessor
ACT-5271PC-150F17M AEROFLEX-ACT-5271PC-150F17M Datasheet
165Kb / 5P
   ACT5271 64-Bit Superscaler Microprocessor
ACT-5271PC-150F17Q AEROFLEX-ACT-5271PC-150F17Q Datasheet
165Kb / 5P
   ACT5271 64-Bit Superscaler Microprocessor
ACT-5271PC-150F17T AEROFLEX-ACT-5271PC-150F17T Datasheet
165Kb / 5P
   ACT5271 64-Bit Superscaler Microprocessor
More results

Similar Description - ACT-5270PC-133F17M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
   ACT5260 64-Bit Superscaler Microprocessor
ACT5271 AEROFLEX-ACT5271 Datasheet
165Kb / 5P
   ACT5271 64-Bit Superscaler Microprocessor
ACT5261 AEROFLEX-ACT5261 Datasheet
170Kb / 5P
   ACT 5261 64-Bit Superscaler Microprocessor
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
   ACT 7000SC 64-Bit Superscaler Microprocessor
ACT5230 AEROFLEX-ACT5230 Datasheet
43Kb / 7P
   ACT5230 32-Bit Superscaler Microprocessor
ACT5231 AEROFLEX-ACT5231 Datasheet
92Kb / 4P
   ACT5231 32-Bit Superscaler Microprocessor
logo
NEC
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
   64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
   64-Bit RISC Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
   64-/32-Bit Microprocessor
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
   64-Bit RISC Microprocessor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com