Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT-PD1M16Y-070L4T Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT-PD1M16Y-070L4T
Description  ACT-PD1M16 Fast Page Mode 16 Megabit Plastic Monolithic DRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-PD1M16Y-070L4T Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

  ACT-PD1M16Y-070L4T Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-PD1M16Y-070L4T Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-PD1M16Y-070L4T Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-PD1M16Y-070L4T Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-PD1M16Y-070L4T Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-PD1M16Y-070L4T Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-PD1M16Y-070L4T Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-PD1M16Y-070L4T Datasheet HTML 8Page - Aeroflex Circuit Technology ACT-PD1M16Y-070L4T Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Aeroflex Circuit Technology
SCD3750 REV A 8/31/98
Plainview NY (516) 694-6700
9
Ordering Information (Typical)
Model Number
Options
Speed
Package
ACT-PD1M16N–070L4I
None
70ns
42 Lead SOJ
ACT-PD1M16W–070L4I
Burn-in
70ns
42 Lead SOJ
ACT-PD1M16X–070L4I
Temp Cycle
70ns
42 Lead SOJ
ACT-PD1M16Y–070L4I
Temp Cycle & Burn-in
70ns
42 Lead SOJ
ACT-PD1M16N–070L4T
None
70ns
42 Lead SOJ
ACT-PD1M16W–070L4T
Burn-in
70ns
42 Lead SOJ
ACT-PD1M16X–070L4T
Temp Cycle
70ns
42 Lead SOJ
ACT-PD1M16Y–070L4T
Temp Cycle & Burn-in
70ns
42 Lead SOJ
070 = 70ns
Aeroflex Circuit
Technology
* Screened to the test methods of MIL-STD-883
Part Number Breakdown
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) 843-1553
CIRCUIT TECHNOLOGY
\\\
ACT- P D 1M 16 N– 070 L4 T
Memory Type
D = Plastic DRAM
Memory Depth, Locations
Options
Memory Width, Bits
N = None
W = Burn-in
*
X = Temperature Cycle
*
Y = Burn-in & Temperature Cycle
*
Memory Speed, ns
Package Type & Size
L4 = 42 Pin Plastic SOJ
Electrical Testing
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
Plastic Path


Similar Part No. - ACT-PD1M16Y-070L4T

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
More results

Similar Description - ACT-PD1M16Y-070L4T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M10B11664A ETC-M10B11664A Datasheet
1Mb / 15P
   64K X 16 DRAM FAST PAGE MODE
logo
Alliance Semiconductor ...
AS4C256K16FO ALSC-AS4C256K16FO Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
logo
Aeroflex Circuit Techno...
ACT-PS512K8 AEROFLEX-ACT-PS512K8 Datasheet
73Kb / 6P
   ACT-PS512K8 High Speed 4 Megabit Plastic Monolithic SRAM
logo
Integrated Silicon Solu...
IS41C16105C ISSI-IS41C16105C Datasheet
712Kb / 20P
   16Mb DRAM WITH FAST PAGE MODE
IS41C16257C ISSI-IS41C16257C Datasheet
361Kb / 20P
   4Mb DRAM WITH FAST PAGE MODE
IS41C44052C ISSI-IS41C44052C Datasheet
411Kb / 17P
   16Mb DRAM WITH FAST PAGE MODE
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Alliance Semiconductor ...
AS4C4M4F0 ALSC-AS4C4M4F0 Datasheet
274Kb / 18P
   5V 4M횞4 CMOS DRAM (Fast Page mode)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com