Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7019-6 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7019-6
Description  6 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7019-6 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7019-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7019-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7019-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
6 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18
GHz from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber
optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 6 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body
Rated To 50 Watts Up To 18 GHz PE7019-6
URL:
http://www.pasternack.com/6db-fixed-n-female-n-male-50-watts-attenuator-pe7019-6-p.aspx
PE7019-6
PE7019-6 REV
6 dB Fixed Attenuator, N Male To N Female Directional Aluminum
Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz


Similar Part No. - PE7019-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7019-6 PASTERNACK-PE7019-6 Datasheet
259Kb / 3P
   6 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
PE7019-6 PASTERNACK-PE7019-6_16 Datasheet
259Kb / 3P
   6 dB Fixed Attenuator, N Male to N Female Directional Black Anodized Aluminum Heatsink Body
More results

Similar Description - PE7019-6

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7019-20 PASTERNACK-PE7019-20 Datasheet
221Kb / 3P
   20 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7019-30 PASTERNACK-PE7019-30 Datasheet
221Kb / 3P
   30 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7019-10 PASTERNACK-PE7019-10 Datasheet
221Kb / 3P
   10 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7019-40 PASTERNACK-PE7019-40 Datasheet
222Kb / 3P
   40 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7014-6 PASTERNACK-PE7014-6 Datasheet
764Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7394-6 PASTERNACK-PE7394-6 Datasheet
248Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 4 GHz
PE7389-6 PASTERNACK-PE7389-6 Datasheet
247Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 3 GHz
PE7031-6 PASTERNACK-PE7031-6 Datasheet
255Kb / 3P
   6 dB Fixed Attenuator, N Male To N Female Directional Aluminum Heatsink Black Anodized Body Rated To 300 Watts Up To 1 GHz
PE7055-6 PASTERNACK-PE7055-6 Datasheet
225Kb / 3P
   6 dB Fixed Attenuator, TNC Male To TNC Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
PE7020-6 PASTERNACK-PE7020-6 Datasheet
253Kb / 3P
   6 dB Fixed Attenuator, SMA Male To SMA Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com