Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63819-4870 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 63819-4870
Description  The above terminal drawing is a generic terminal representation. It is not an image of a terminal listed in the scope.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

63819-4870 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  63819-4870 Datasheet HTML 1Page - Molex Electronics Ltd. 63819-4870 Datasheet HTML 2Page - Molex Electronics Ltd. 63819-4870 Datasheet HTML 3Page - Molex Electronics Ltd. 63819-4870 Datasheet HTML 4Page - Molex Electronics Ltd. 63819-4870 Datasheet HTML 5Page - Molex Electronics Ltd. 63819-4870 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Hand Crimp Tool 1.20mm (.047”) Pitch Pico-EZmate™ Crimp Terminals
Doc No: ATS-6381948000
Release Date: 08-17-09
UNCONTROLLED COPY
Page 2 of 6
Revision: A
Revision Date: 08-17-09
INSULATION CRIMP FORM
This crimp terminal is designed for miniaturization; therefore, each dimension of insulation crimp portion appears
small as compared to the terminal material thickness. In order to avoid insulation piercing the crimp forms by the
insulation barrel, coining is provided inside of the insulation barrel. For this reason, various crimp forms will occur at
the tip of the insulation crimp barrel shown in the figure below.
These crimp forms maybe changed completely by a small change in the wire, insulation punch, or terminal.
These crimp forms are satisfactory for original function of the insulation crimp portion and it is confirmed that all of
these forms below are acceptable insulation crimps.
CONDITIONS:
After crimping, the conductor profiles should measure the following.
Conductor Crimp (Ref)
Insulation Crimp (Ref)
Wire Size
Height
Width
Height
Width
Pull Force
Minimum
Terminal
Series No
AWG mm2
mm
In.
mm
In.
mm
In.
mm
In.
N
Lb.
78172
28
0.08
0.44-0.48 .017-.019 0.85 .033 0.77 .030 0.85 .033 10.0 2.25
OPERATION
CAUTION: Install only Molex terminals listed above with this tool. Do not crimp hardened objects as
damage can occur to the tool or die.
Open the tool by squeezing the handles together, at the end of the closing stroke, the ratchet mechanism will
release the handles, and the hand tool will spring open.
Crimping Terminals
1. Select the desired terminal listed in the preceding charts.
2. Cut a strip of the terminals approximately 5.0” off the reel. Position the terminal strip into the slot of the carrier
guide with terminals facing forward.
3. Push the strip in until it locks into the (2) detent in the carrier guide and a terminal is centered with the punch
nest. See Figure 1.
4. Partially close the jaws of the hand tool by squeezing the handles until you hear the fist click of the ratchet.
5. From the top of the hand tool insert the pre-stripped wire into the terminal.
6. Compress the terminal by squeezing the tool handles until the ratchet mechanism cycle has been completed.
Release handles to open the jaws.


Similar Part No. - 63819-4870

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-4000 MOLEX11-63819-4000 Datasheet
42Kb / 1P
   Crimp Hand Tool
63819-4100 MOLEX11-63819-4100 Datasheet
42Kb / 1P
   Hand Crimp Tool for CTX 1.50mm Receptacle Terminal, 1.25, 1.50, and 2.00mm
63819-4100 MOLEX-63819-4100 Datasheet
230Kb / 4P
   Hand Crimp Tool for CTX 1.50mm Receptacle Crimp Terminal
01-05-09
63819-4200 MOLEX11-63819-4200 Datasheet
42Kb / 1P
   Hand Crimp Tool for Quick Disconnect, High Reliability Crimp Terminals (HRT), Female for 1.00-2.50mm
63819-4300 MOLEX5-63819-4300 Datasheet
46Kb / 3P
   Hand Crimp Tool for Wire-to-Board Terminal, 28-30 AWG Wire for Loose Parts Only
More results

Similar Description - 63819-4870

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702495 PHOENIX-2702495 Datasheet
92Kb / 4P
   The terminal is designed for use within an Inline station.
2702792 PHOENIX-2702792 Datasheet
92Kb / 5P
   The terminal is designed for use within an Inline station.
2702825 PHOENIX-2702825 Datasheet
95Kb / 5P
   The terminal is designed for use within an Inline station.
2702498 PHOENIX-2702498 Datasheet
101Kb / 5P
   The terminal is designed for use within an Inline station.
2702793 PHOENIX-2702793 Datasheet
94Kb / 5P
   The terminal is designed for use within an Inline station.
2701162 PHOENIX-2701162 Datasheet
85Kb / 4P
   The terminal is designed for use within an Inline station.
2700605 PHOENIX-2700605 Datasheet
80Kb / 4P
   The terminal is designed for use within an Inline station.
2702503 PHOENIX-2702503 Datasheet
82Kb / 4P
   The terminal is designed for use within an Inline station.
logo
Wurth Elektronik GmbH &...
784787120 WURTH-784787120 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
784787101 WURTH-784787101 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com