Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DT62PW180C Datasheet(PDF) 1 Page - TDK Electronics

Part # DT62PW180C
Description  62W to 80W AC-DC External Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

DT62PW180C Datasheet(HTML) 1 Page - TDK Electronics

  DT62PW180C Datasheet HTML 1Page - TDK Electronics DT62PW180C Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
1-800-526-2324 • www.us.tdk-lambda.com/lp/
DT62/80-C Series
Features
u CEC, EISA(1) & ErP Stage 2 Compliant
u Wide Range AC Input
u Power Factor Correction (DT80)
u Low Profile & Lightweight
u 85% Efficient
62W to 80W AC-DC External Power Supplies
Model
DT62PWxxx-C
DT80PWxxx-C
Input Voltage range
VAC
90 - 264VAC (47 - 63Hz)
Inrush Current
A
<50A at 230VAC input, 25°C ambient cold start
Input Current (Maximum)
A
2.5A
Power Factor
-
None
Typically 0.9 at full load(Meets EN61000-3-2)
Leakage Current (typ, 264VAC 63Hz)
mA
0.7mA
Hold Up Time (Typ)
ms
16ms at 115VAC input
Temperature Coefficient
°C
±0.05%/°C
Voltage Accuracy
%
±1%
Adjustment Range
-
None
Minimum Load
-
None
Total Regulation
-
±5%
Ripple & Noise
%
1%
Short Circuit Protection
-
Continuous - hiccup mode (110-160%)
Overvoltage Protection
V
110 - 130% of nominal (Cycle input power to reset)
Efficiency
%
>85% typical
Operating Temperature
°C
0 to +40°C Full load, derate linearly to 50% load at 60°C
Storage Temperature
°C
-10 to +70°C
Humidity (non condensing)
-
10 - 90% RH
Cooling
-
Convection
Withstand Voltage
-
Input to Ground 1.5kVAC, Input to Output 3kVAC (Output is connected to Ground)
Vibration (non operating)
-
23.52m/s2 (10 - 55Hz: constant sweep 1 min X, Y, Z for 1 hour)
Shock
-
< 196.1 m/s2 (20G)
Safety Agency Approvals
-
UL60950-1, EN609501-1, IEC60950-1
California Energy Commission (CEC)
-
See model selector
EISA
(1)
-
See model selector
Offload Power Consumption
W
< 0.5W
Conducted & Radiated EMI
-
EN55022-B, FCC Class B
Immunity
-
EN55024
Weight (Typ)
g
410g
Size (WxLxH)
in
2.71 x 5.2 x 1.57
Cable Length and Thickness
mm
1050mm
AC Input Connector
-
IEC 320-C14 (Accepts IEC 320-C13)
Output Connector
-
Kycon KPPx-4P or equivalent. Pins 1 & 2: -Vout, Pins 3 & 4: +Vout
MTBF (MIL-HNBK), 100% load, 25C
hours
223,933 Hours
203,109 Hours
Warranty
yrs
One Year
Specifications
(1) EISA - Energy Independence and Security Act of 2007.
Key Market Segments & Applications


Similar Part No. - DT62PW180C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DT62PW120D TDK-DT62PW120D Datasheet
169Kb / 1P
   AC-DC Power Supplies
June 07, 2022
DT62PW150D TDK-DT62PW150D Datasheet
169Kb / 1P
   AC-DC Power Supplies
June 07, 2022
DT62PW190D TDK-DT62PW190D Datasheet
169Kb / 1P
   AC-DC Power Supplies
June 07, 2022
More results

Similar Description - DT62PW180C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Emerson Network Power
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
SSL20C EMERSON-NETWORKPOWER-SSL20C Datasheet
89Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
logo
Artesyn Technologies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
   EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
logo
TDK Electronics
DT100 TDK-DT100 Datasheet
162Kb / 2P
   100W to 150W AC-DC External Power Supplies
logo
Artesyn Technologies
SSL20C ARTESYN-SSL20C Datasheet
186Kb / 2P
   20W External AC/DC Power Supplies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
   40W External AC/DC Power Supplies
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
   40W to 65W Medical AC-DC External Power Supplies
DTM165-C TDK-DTM165-C Datasheet
105Kb / 2P
   160W to 165W Medical AC-DC External Power Supplies
DTM65-C8 TDK-DTM65-C8 Datasheet
600Kb / 2P
   40W to 65W Medical Class II AC-DC External Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com