Electronic Components Datasheet Search |
|
DT80PW090C Datasheet(PDF) 1 Page - TDK Electronics |
|
DT80PW090C Datasheet(HTML) 1 Page - TDK Electronics |
1 / 2 page 1 1-800-526-2324 • www.us.tdk-lambda.com/lp/ DT62/80-C Series Features u CEC, EISA(1) & ErP Stage 2 Compliant u Wide Range AC Input u Power Factor Correction (DT80) u Low Profile & Lightweight u 85% Efficient 62W to 80W AC-DC External Power Supplies Model DT62PWxxx-C DT80PWxxx-C Input Voltage range VAC 90 - 264VAC (47 - 63Hz) Inrush Current A <50A at 230VAC input, 25°C ambient cold start Input Current (Maximum) A 2.5A Power Factor - None Typically 0.9 at full load(Meets EN61000-3-2) Leakage Current (typ, 264VAC 63Hz) mA 0.7mA Hold Up Time (Typ) ms 16ms at 115VAC input Temperature Coefficient °C ±0.05%/°C Voltage Accuracy % ±1% Adjustment Range - None Minimum Load - None Total Regulation - ±5% Ripple & Noise % 1% Short Circuit Protection - Continuous - hiccup mode (110-160%) Overvoltage Protection V 110 - 130% of nominal (Cycle input power to reset) Efficiency % >85% typical Operating Temperature °C 0 to +40°C Full load, derate linearly to 50% load at 60°C Storage Temperature °C -10 to +70°C Humidity (non condensing) - 10 - 90% RH Cooling - Convection Withstand Voltage - Input to Ground 1.5kVAC, Input to Output 3kVAC (Output is connected to Ground) Vibration (non operating) - 23.52m/s2 (10 - 55Hz: constant sweep 1 min X, Y, Z for 1 hour) Shock - < 196.1 m/s2 (20G) Safety Agency Approvals - UL60950-1, EN609501-1, IEC60950-1 California Energy Commission (CEC) - See model selector EISA (1) - See model selector Offload Power Consumption W < 0.5W Conducted & Radiated EMI - EN55022-B, FCC Class B Immunity - EN55024 Weight (Typ) g 410g Size (WxLxH) in 2.71 x 5.2 x 1.57 Cable Length and Thickness mm 1050mm AC Input Connector - IEC 320-C14 (Accepts IEC 320-C13) Output Connector - Kycon KPPx-4P or equivalent. Pins 1 & 2: -Vout, Pins 3 & 4: +Vout MTBF (MIL-HNBK), 100% load, 25C hours 223,933 Hours 203,109 Hours Warranty yrs One Year Specifications (1) EISA - Energy Independence and Security Act of 2007. Key Market Segments & Applications |
Similar Part No. - DT80PW090C |
|
Similar Description - DT80PW090C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |